Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3Z2V2 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # MM3Z2V2
Description  ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

MM3Z2V2 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  MM3Z2V2 Datasheet HTML 1Page - EIC discrete Semiconductors MM3Z2V2 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MM3Z2V0 - MM3Z75
ZENER DIODES
VZ : 2.0 to 75 V
PD : 300 mW
FEATURES :
* Total Power Dissipation : Max. 300 mW
* Small plastic package suitable for
surface mounted design
* Standard Zener Breakdown Voltage
Range 2.0 to 75V
* Tolerance approximately ± 5%
* Pb / RoHS Free
MECHANICAL DATA :
Case:
SOD-323 Plastic Package
Weight:
approx. 0.004g
Maximum Ratings and Thermal Characteristics (Ta = 25 °C)
Symbol
Value
Unit
Power Dissipation
Ptot
300
mW
Forward Voltage at IF = 10 mA
VF
0.9
V
Thermal Resistance form Junction to Ambient
RӨJA
0.3
K/mW
Junction Temperature Range
TJ
150
°C
Storage Temperature Range
TSTG
-65 to + 150
°C
Page 1 of 2
Rev. 06 : November 16, 2012
Parameter
2.80
2.30
1.80
1.60
Dimensions in millimeters
SOD-323
www.eicsemi.com


Similar Part No. - MM3Z2V2

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MM3Z2V2 SEMTECH_ELEC-MM3Z2V2 Datasheet
254Kb / 4P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM3Z2V2 HTSEMI-MM3Z2V2 Datasheet
632Kb / 4P
Silicon Planar Zener Diodes
logo
SUNMATE electronic Co.,...
MM3Z2V2 SUNMATE-MM3Z2V2 Datasheet
1Mb / 2P
200mW Surface Mount Zener Diodes
logo
Nanjing International G...
MM3Z2V2 DGNJDZ-MM3Z2V2 Datasheet
109Kb / 4P
Silicon Planar Zener Diodes
logo
Bruckewell Technology L...
MM3Z2V2 BWTECH-MM3Z2V2 Datasheet
445Kb / 5P
Small plastic package suitable for surface mounted
More results

Similar Description - MM3Z2V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com