Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD5FN12 Datasheet(PDF) 2 Page - Formosa MS

Part # ESD5FN12
Description  Chip Transient Voltage Suppressor ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

ESD5FN12 Datasheet(HTML) 2 Page - Formosa MS

  ESD5FN12 Datasheet HTML 1Page - Formosa MS ESD5FN12 Datasheet HTML 2Page - Formosa MS ESD5FN12 Datasheet HTML 3Page - Formosa MS ESD5FN12 Datasheet HTML 4Page - Formosa MS ESD5FN12 Datasheet HTML 5Page - Formosa MS ESD5FN12 Datasheet HTML 6Page - Formosa MS ESD5FN12 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Formosa MS
Page 2
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Schematic & Pin Configuration
150W Surface Mount TVS
For ESD
- 12V
Uni-directional
Protection
Provide transient protection:
IEC 61000-4-2
Level 4
• Suffix "-H" indicates Halogen-free parts, ex. ΕSD5FN12-H.
Features
150 Watts peak pulse power (tp=8/20 s)
u
Low clamping voltage
Working voltages : 12.0V
Low leakage current
(ESD)
IEC 61000-4-4 (EFT) 80A (5/50ns)
IEC 61000-4-5 (Surge) (8/20us)
•
•
•
•
•
•
•
•
•
•
Epoxy: UL94-V0 rated flame retardant
Case: Molded plastic,0603
Terminals: Golden Plated terminals,
solderable per MIL-STD-750,Method 2026
Marking Code:
Weight: Approximated 0.002gram
E
Mechanical data
ESD5FN12
Package outline
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only.
Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to
stresses above the Recommended Operating Conditions may affect device reliability.
Maximum ratings (at T =25 C unless otherwise noted)
A
o
PARAMETER
CONDITIONS
Peak pulse power
Peak pulse current
tp = 8/20us
Symbol
MIN.
TYP.
MAX.
UNIT
PPP
IPP
W
A
kV
150
6
Storage temperature range
T
STG
OC
+150
-55
Operating junction temperature range
TJ
OC
+125
-55
ESD per IEC 61000-4-2
Air discharge
Contact discharge
ESD
±15
±8
Over voltage available upon request.
1. V
is measured with a pulse test current I at anambient temperature of 25 C.
2.Surge current waveform per Figure 1.
BR
T
O
Electrical characteristics (at T =25 C unless otherwise noted
)
A
o
, V = 1.2V Max. @I = 10mA
FF
Part No.
ESD5FN12
1.0
12.0
25
150
13.5
2.0
Max.
I(uA)
@V
R
RWM
V (V)
@I
BR
T
I (mA)
T
C(pF)
@V =0V,F=1MHz
J
R
V (V)
@I
C
PP=6A
V
(V)
RWM
Max.
Min.
Max.
Max.
Chip Transient Voltage Suppressor ESD Protection
Dimensions in inches and (millimeters)
0603
0.071(1.80)
0.063(1.60)
0.014(0.35) Typ.
0.0236(0.60) Typ.
0.022(0.55)
0.018(0.45)
0.016(0.40)Typ.
0.033(0.85)
0.029(0.75)
tp = 8/20us (IEC 61000-4-5)
7
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121872
D
2012/12/10
2015/12/11



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com