Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA326EA/2K5 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # INA326EA/2K5
Description  Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA326EA/2K5 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA326EA/2K5 Datasheet HTML 11Page - Texas Instruments INA326EA/2K5 Datasheet HTML 12Page - Texas Instruments INA326EA/2K5 Datasheet HTML 13Page - Texas Instruments INA326EA/2K5 Datasheet HTML 14Page - Texas Instruments INA326EA/2K5 Datasheet HTML 15Page - Texas Instruments INA326EA/2K5 Datasheet HTML 16Page - Texas Instruments INA326EA/2K5 Datasheet HTML 17Page - Texas Instruments INA326EA/2K5 Datasheet HTML 18Page - Texas Instruments INA326EA/2K5 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
INA326, INA327
15
SBOS222D
www.ti.com
FIGURE 15. Programmable
±25µA Current Source with High
Output Resistance.
FIGURE 12. Output Offset Adjustment.
2k
Ω
100k
Ω
1nF
5
V
O = VIN (100) + VDAC
V
DAC = 0.075V
to 4.925V
INA326
2
1
8
3
6
DAC
+
−
V
IN
INA326
4
5
7
2
1
8
3
6
R
F = 10k
NOTE: Output resistance is typically 800M
Ω.
Resolution < 5nA. Recommended values of C
F = 1nF to 1µF.
+5V
C
F
V
REF = +2.5V
R
1
200k
Ω
DAC
I
OUT =
((+V
REF) − (VDAC))
R
1
± 50nA
0V < V
DAC < +5V
FIGURE 14. Output from Pin 5 to Allow Swing Beyond the Rail.
INA326
+5V
NC(1)
V
O
+15V
−15V
OPA277
V
D
C
2
R
2
R
1
V
CM
5
6
7
2
1
8
3
4
4
6
7
2
3
(2)
NOTES: (1) NC denotes No Connection.
(2) Typical swing capability
−20mV to (+5V + 100mV).
FIGURE 13. Multiplexed Output.
INA327
4
7
9
6
2
1
10
3
8
R
1
R
3
R
5
+5V
Enable
NOTE: (1) R
2, R4, and R6 could be a
single, shared resistor to save board space.
INA327
4
7
9
6
2
1
10
3
8
R
4
(1)
R
2
(1)
+5V
Enable
INA327
4
7
9
6
2
1
10
3
8
R
6
(1)
+5V
Enable
+1.8V to +5V
Logic
V
O
1nF
1nF
1nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com