Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA322EA/2K5 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA322EA/2K5
Description  INSTRUMENTATION AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA322EA/2K5 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA322EA/2K5 Datasheet HTML 7Page - Texas Instruments INA322EA/2K5 Datasheet HTML 8Page - Texas Instruments INA322EA/2K5 Datasheet HTML 9Page - Texas Instruments INA322EA/2K5 Datasheet HTML 10Page - Texas Instruments INA322EA/2K5 Datasheet HTML 11Page - Texas Instruments INA322EA/2K5 Datasheet HTML 12Page - Texas Instruments INA322EA/2K5 Datasheet HTML 13Page - Texas Instruments INA322EA/2K5 Datasheet HTML 14Page - Texas Instruments INA322EA/2K5 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
INA322
11
SBOS174B
SHUTDOWN MODE
The shutdown pin of the INA322 is nominally connected to
V+. When the pin is pulled below 0.8V on a 5V supply, the
INA322 goes into sleep mode within nanoseconds.
For actual shutdown threshold, see typical characteristic curve
“Shutdown Voltage vs Supply Voltage”. Drawing less than
1
µA of current, and returning from sleep mode in microsec-
onds, the shutdown feature is useful for portable applications.
Once in ‘sleep-mode’ the amplifier has high output imped-
ance, making the INA322 suitable for multiplexing.
RAIL-TO-RAIL OUTPUT
A class AB output stage with common-source transistors is
used to achieve rail-to-rail output for gains of 10 or greater.
When the amplifier is in G = 5 the output will not swing to
positive rail. For resistive loads greater than 25k
Ω, the
output voltage can swing to within a few millivolts of the
supply rail while maintaining low gain error. For heavier
loads and over temperature, see the typical characteristic
curve “Output Voltage Swing vs Output Current.” The
INA322’s low output impedance at high frequencies makes
it suitable for directly driving Capacitive Digital-to-Analog
(CDAC) input A/D converters, as shown in Figure 5.
OUTPUT BUFFERING
The INA322 is optimized for a load impedance of 10k
Ω or
greater. For higher output current the INA322 can be buff-
ered using the OPA340, as shown in Figure 4. The OPA340
can swing within 50mV of the supply rail, driving a 600
Ω
load. The OPA340 is available in the tiny MSOP-8 package.
OFFSET TRIMMING
In the event that external offset adjustment is required, the
offset can be adjusted by applying a correction voltage to the
reference terminal. Figure 6 shows an optional circuit for
trimming offset voltage. The voltage applied to the REF
terminal is added to the output signal. The gain from REF to
VOUT is +1. An op-amp buffer is used to provide low
impedance at the REF terminal to preserve good common-
mode rejection.
FIGURE 4. Output Buffering Circuit. Able to drive loads
as low as 600
Ω.
INPUT PROTECTION
Device inputs are protected by ESD diodes that will conduct
if the input voltages exceed the power supplies by more than
500mV. Momentary voltages greater than 500mV beyond
the power supply can be tolerated if the current through the
input pins is limited to 10mA. This is easily accomplished
with input resistor RLIM, as shown in Figure 7. Many input
signals are inherently current-limited to less than 10mA,
therefore, a limiting resistor is not required.
FIGURE 6. Optional Offset Trimming Voltage.
FIGURE 5. INA322 Directly Drives a Capacitive-Input,
A/D Converter.
FIGURE 7. Input Protection.
OPA340
V
OUT
+5V
0.1
µF
0.1
µF
INA322
5
3
2
V
OUT
8
7
6
4
1
V+
Shutdown
RG
V
IN–
V
IN+
REF
ADS7818
or
ADS7822
12-Bits
+5V
INA322
5
3
2
V
OUT
8
7
6
4
1
V+
Shutdown
RG
V
IN–
V–
V
IN+
REF
f
S < 100kHz
OPA336
Adjustable
Voltage
INA322
5
3
2
V
OUT
8
7
6
4
1
V+
Shutdown
RG
V
IN–
V–
V
IN+
REF(1)
NOTE: (1) REF should be adjusted for the desired output level.
The value of REF affects the common-mode input range.
R
LIM
R
LIM
I
OVERLOAD
10mA max
INA322
5
3
2
V
OUT
8
7
6
4
1
V+
Shutdown
RG
V
IN–
V–
V
IN+
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com