Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7340C Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7340C
Description  Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7340C Datasheet(HTML) 17 Page - Texas Instruments

Back Button ISO7340C Datasheet HTML 13Page - Texas Instruments ISO7340C Datasheet HTML 14Page - Texas Instruments ISO7340C Datasheet HTML 15Page - Texas Instruments ISO7340C Datasheet HTML 16Page - Texas Instruments ISO7340C Datasheet HTML 17Page - Texas Instruments ISO7340C Datasheet HTML 18Page - Texas Instruments ISO7340C Datasheet HTML 19Page - Texas Instruments ISO7340C Datasheet HTML 20Page - Texas Instruments ISO7340C Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Input
Generator
See Note A
50
OUT
RL = 1 k
EN
VO
VI
IN
0 V
CL
1%
±
See
Note B
0 V
VO
VI
0.5 V
50%
50
OUT
RL = 1 k
EN
VO
VI
IN
3 V
CL
1%
±
0 V
0 V
VI
50%
0.5 V
tPZH
VO
VOH
tPHZ
V
/2
CC
V
/2
CC
VCC
tPZL
VCC
V
/2
CC
VCC
tPLZ
VCC
V
/2
CC
VOL
Input
Generator
See Note A
See
Note B
IN
OUT
VO
C L
Input
Generator
See Note A
50
V I
See Note B
10%
90%
50%
0 V
50%
VI
V
/2
CC
VO
tPLH
VOH
tPHL
tr
tf
VCCI
VOL
V
/2
CC
17
ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC
www.ti.com
SLLSEI6F – SEPTEMBER 2014 – REVISED AUGUST 2016
Product Folder Links: ISO7340C ISO7340FC ISO7341C ISO7341FC ISO7342C ISO7342FC
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
8 Parameter Measurement Information
A.
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 50 kHz, 50% duty cycle, tr ≤ 3
ns, tf ≤ 3ns, ZO = 50 Ω. At the input, 50 Ω resistor is required to terminate Input Generator signal. It is not needed in
actual application.
B.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
Figure 14. Switching Characteristics Test Circuit and Voltage Waveforms
A.
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 10 kHz, 50% duty cycle,
tr ≤ 3 ns, tf ≤ 3 ns, ZO = 50 Ω.
B.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
Figure 15. Enable/Disable Propagation Delay Time Test Circuit and Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com