Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD9FN3.3 Datasheet(PDF) 6 Page - Formosa MS

Part # ESD9FN3.3
Description  Chip Transient Voltage Suppressor ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

ESD9FN3.3 Datasheet(HTML) 6 Page - Formosa MS

  ESD9FN3.3 Datasheet HTML 1Page - Formosa MS ESD9FN3.3 Datasheet HTML 2Page - Formosa MS ESD9FN3.3 Datasheet HTML 3Page - Formosa MS ESD9FN3.3 Datasheet HTML 4Page - Formosa MS ESD9FN3.3 Datasheet HTML 5Page - Formosa MS ESD9FN3.3 Datasheet HTML 6Page - Formosa MS ESD9FN3.3 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Formosa MS
Page 6
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Packing information
unit:mm
Note:Devices are packed in accor dance with EIA standar RS-481-A and specifications listed above.
Item
Tolerance
0402
Carrier width
Carrier length
Carrier depth
Sprocket hole
13" Reel outside diameter
7" Reel outside diameter
13" Reel inner diameter
7" Reel inner diameter
Feed hole diameter
Sprocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Reel width
Overall tape thickness
Tape width
P0
P1
E
B
C
d
F
T
W
P
A
D
D
D1
D1
D2
W1
Symbol
0.1
0.1
0.1
min
min
0.5
0.1
0.3
1.0
0.05
0.1
0.1
0.05
0.05
0.1
2.0
2.0
1.50
-
178.00
-
62.00
13.00
1.75
3.50
2.00
4.00
2.00
0.23
8.00
11.40
0.74
1.17
0.62
D
D1
D2
W1
C
T
P0
P1
E
B
d
F
W
P
A
Z
Z
ESD9FN3.3
Chip Transient Voltage Suppressor ESD Protection
Document ID
Issued Date
Revised Date
Revision
Page.
2014/02/26
B
7
DS-12181A
2015/12/11



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com