Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD9FN3.3C Datasheet(PDF) 4 Page - Formosa MS

Part # ESD9FN3.3C
Description  Chip Transient Voltage Suppressor ESD Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

ESD9FN3.3C Datasheet(HTML) 4 Page - Formosa MS

  ESD9FN3.3C Datasheet HTML 1Page - Formosa MS ESD9FN3.3C Datasheet HTML 2Page - Formosa MS ESD9FN3.3C Datasheet HTML 3Page - Formosa MS ESD9FN3.3C Datasheet HTML 4Page - Formosa MS ESD9FN3.3C Datasheet HTML 5Page - Formosa MS ESD9FN3.3C Datasheet HTML 6Page - Formosa MS ESD9FN3.3C Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rating and characteristic curves (ESD9FN3.3C)
Page 4
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
FIG.2- POWER RATING DERATING CURVE
AMBIENT TEMPERATURE( C)
O
0
0
25
50
75
100
125
150
20
40
60
80
100
120
100
30
0
020
40
60
t, TIME (us)
FIG.1- 8 X 20us PULSE WAVEFORM
80
10
20
40
50
60
80
90
70
PEAK VALUE I
@8us
RSM
t
r
PULSE WIDTH(t )IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8us
P
t
P
I
RSM
2
@20us
HALF VALUE =
Mounting on glass epoxy PCBs
FIG.3- TERMINALS CHARACTERISTICS
REVERSE VOLTAGE(V)
2
4
6
8
10
0
123
f1MHz
=
TA 25
= ℃
2012/12/10
D
7
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121868
2015/12/11



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com