Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA115 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA115
Description  Precision INSTRUMENTATION AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA115 Datasheet(HTML) 2 Page - Texas Instruments

  INA115 Datasheet HTML 1Page - Texas Instruments INA115 Datasheet HTML 2Page - Texas Instruments INA115 Datasheet HTML 3Page - Texas Instruments INA115 Datasheet HTML 4Page - Texas Instruments INA115 Datasheet HTML 5Page - Texas Instruments INA115 Datasheet HTML 6Page - Texas Instruments INA115 Datasheet HTML 7Page - Texas Instruments INA115 Datasheet HTML 8Page - Texas Instruments INA115 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
®
INA115
SPECIFICATIONS
ELECTRICAL
At T
A = +25°C, VS = ±15V, RL = 2kΩ unless otherwise noted.
T Specification same as INA115BU.
NOTE: (1) Temperature coefficient of the “50k
Ω” term in the gain equation. (2) Output specifications are for output amplifier, A
3. A1 and A2 provide the same output
voltage swing but have less output current drive. A1 and A2 can drive external loads of 25kΩ || 200pF.
INA115BU
INA115AU
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
Offset Voltage, RTI
Initial
TA = +25°C
±10 + 20/G
±50 + 100/G
±25 + 30/G ±125 + 500/G
µV
vs Temperature
TA = TMIN to TMAX
±0.1 + 0.5/G ±0.25 + 5/G
±0.25 + 5/G
±1 + 10/G
µV/°C
vs Power Supply
VS = ±2.25V to ±18V
0.5 + 2/G
3 + 10/G
TT
µV/V
Long-Term Stability
±0.2 + 0.5/G
T
µV/mo
Impedance, Differential
1010 || 6
T
Ω || pF
Common-Mode
1010 || 6
T
Ω || pF
Input Common-Mode Range
±11
±13.5
TT
V
Safe Input Voltage
±40
T
V
Common-Mode Rejection
VCM = ±10V, ∆RS = 1kΩ
G = 1
80
96
75
90
dB
G = 10
96
115
90
106
dB
G = 100
110
120
106
110
dB
G = 1000
115
120
106
110
dB
BIAS CURRENT
±0.5
±2
T
±5nA
vs Temperature
±8
T
pA/
°C
OFFSET CURRENT
±0.5
±2
T
±5nA
vs Temperature
±8
T
pA/
°C
NOISE VOLTAGE, RTI
G = 1000, RS = 0Ω
f = 10Hz
15
T
nV/
√Hz
f = 100Hz
11
T
nV/
√Hz
f = 1kHz
11
T
nV/
√Hz
fB = 0.1Hz to 10Hz
0.4
T
µVp-p
Noise Current
f=10Hz
0.4
T
pA/
√Hz
f=1kHz
0.2
T
pA/
√Hz
fB = 0.1Hz to 10Hz
18
T
pAp-p
GAIN
Gain Equation
1 + (50k
Ω/R
G)
T
V/V
Range of Gain
1
10000
TT
V/V
Gain Error
G = 1
±0.01
±0.05
TT
%
G = 10
±0.02
±0.4
T
±0.5
%
G = 100
±0.05
±0.5
T
±0.7
%
G = 1000
±0.5
±1
T
±2%
Gain vs Temperature
G = 1
±2
±10
T
±10
ppm/
°C
50k
Ω Resistance(1)
±25
±100
TT
ppm/
°C
Nonlinearity
G = 1
±0.0001
±0.001
T
±0.002
% of FSR
G = 10
±0.0005
±0.002
T
±0.004
% of FSR
G = 100
±0.0005
±0.002
T
±0.004
% of FSR
G = 1000
±0.002
±0.01
T
±0.02
% of FSR
OUTPUT(2)
Voltage
IO = 5mA, TMIN to TMAX
±13.5
±13.7
TT
V
VS = ±11.4V, RL = 2kΩ±10
±10.5
TT
V
VS = ±2.25V, RL = 2kΩ±1
±1.5
TT
V
Load Capacitance Stability
1000
T
pF
Short Circuit Current
+20/–15
T
mA
FREQUENCY RESPONSE
Bandwidth, –3dB
G = 1
1
T
MHz
G = 10
100
T
kHz
G = 100
10
T
kHz
G = 1000
1
T
kHz
Slew Rate
VO = ±10V, G = 10
0.3
0.6
TT
V/
µs
Settling Time,
0.01%
G = 1
18
T
µs
G = 10
20
T
µs
G = 100
120
T
µs
G = 1000
1100
T
µs
Overload Recovery
50% Overdrive
20
T
µs
POWER SUPPLY
Voltage Range
±2.25
±15
±18
TT
T
V
Current
VIN = 0V
±2.2
±3
TT
mA
TEMPERATURE RANGE
Specification
–40
+85
TT
°C
Operating
–40
+125
TT
°C
θ
JA
80
T
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com