Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA118PB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA118PB
Description  INA118 Precision, Low Power Instrumentation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA118PB Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA118PB Datasheet HTML 9Page - Texas Instruments INA118PB Datasheet HTML 10Page - Texas Instruments INA118PB Datasheet HTML 11Page - Texas Instruments INA118PB Datasheet HTML 12Page - Texas Instruments INA118PB Datasheet HTML 13Page - Texas Instruments INA118PB Datasheet HTML 14Page - Texas Instruments INA118PB Datasheet HTML 15Page - Texas Instruments INA118PB Datasheet HTML 16Page - Texas Instruments INA118PB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
DESIRED
RG
NEAREST 1% RG
GAIN
(
W
)
( )
1
NC
NC
2
50.00k
49.9k
5
12.50k
12.4k
10
5.556k
5.62k
20
2.632k
2.61k
50
1.02k
1.02k
100
505.1
511
200
251.3
249
500
100.2
100
1000
50.05
49.9
2000
25.01
24.9
5000
10.00
10
10000
5.001
4.99
NC: No Connection.
A
1
A
2
A
3
6
60k
60k
60k
60k
7
4
3
8
1
2
V
IN
V
IN
R
G
V+
V–
INA118
G = 1 +
50k
R
G
–
+
5
Over-Voltage
Protection
25k
25k
Over-Voltage
Protection
Load
V
O = G • (VIN – VIN)
+
–
0.1µF
0.1µF
+
–
V
O
R
G
Also drawn in simplified form:
INA118
Ref
V
O
V
IN
–
V
IN
+
Ref
INA118
www.ti.com
SBOS027A – SEPTEMBER 2000 – REVISED JANUARY 2016
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The INA118 measures a small differential voltage with a high common-mode voltage developed between the
noninverting and inverting input. The high common-mode rejection makes the INA118 suitable for a wide range
of applications. The ability to set the reference pin to adjust the functionality of the output signal offers additional
flexibility that is practical for multiple configurations
8.2 Typical Application
Figure 26 shows the basic connections required for operation of the INA118. Applications with noisy or high
impedance power supplies may require decoupling capacitors close to the device pins as shown. The output is
referred to the output reference (Ref) terminal, which is normally grounded. This must be a low-impedance
connection to assure good common-mode rejection. A resistance of 12
Ω in series with the Ref pin causes a
typical device to degrade to approximately 80-dB CMR (G = 1).
Figure 26 depicts an input signal with a 5-mV, 1-kHz signal with a 1-Vp-p common-mode signal, a condition often
observed in process control systems. Figure 27 depicts the output of the INA118 (gain = 250) depicting the clean
recovered 1-kHz waveform.
Figure 26. Basic Connections
Copyright © 2000–2016, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: INA118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com