Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA2128UA/1K Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA2128UA/1K
Description  Dual, Low Power INSTRUMENTATION AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA2128UA/1K Datasheet(HTML) 3 Page - Texas Instruments

  INA2128UA/1K Datasheet HTML 1Page - Texas Instruments INA2128UA/1K Datasheet HTML 2Page - Texas Instruments INA2128UA/1K Datasheet HTML 3Page - Texas Instruments INA2128UA/1K Datasheet HTML 4Page - Texas Instruments INA2128UA/1K Datasheet HTML 5Page - Texas Instruments INA2128UA/1K Datasheet HTML 6Page - Texas Instruments INA2128UA/1K Datasheet HTML 7Page - Texas Instruments INA2128UA/1K Datasheet HTML 8Page - Texas Instruments INA2128UA/1K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
INA2128
3
SBOS035A
www.ti.com
ELECTRICAL CHARACTERISTICS
At TA = +25°C, VS = ±15V, RL = 10kΩ, unless otherwise noted.
INA2128U
INA2128UA
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
Offset Voltage, RTI
Initial
TA = +25°C
±10 ±100/G
±50 ±500/G
±25 ±100/G ±125 ±1000/G
µV
vs Temperature
TA = TMIN to TMAX
±0.2 ± 2/G
±0.5 ± 20/G
±0.2 ± 5/G
±1 ± 20/G
µV/°C
vs Power Supply
VS = ±2.25V to ±18V
±0.2 ±20/G
±1 ±100/G
✻
±2 ±200/G
µV/V
Long-Term Stability
±0.1 ±3/G
✻
µV/mo
Impedance, Differential
1010 || 2
✻
Ω || pF
Common-Mode
1011 || 9
✻
Ω || pF
Common-Mode Voltage Range(1)
VO = 0V
(V+) – 2
(V+) – 1.4
✻✻
V
(V–) + 2
(V–) + 1.7
✻✻
V
Safe Input Voltage
±40
✻
V
Common-Mode Rejection
VCM = ±13V, ∆RS = 1kΩ
G=1
80
86
73
✻
dB
G=10
100
106
93
✻
dB
G=100
120
125
110
✻
dB
G=1000
120
130
110
✻
dB
BIAS CURRENT
±2
±5
✻
±10
nA
vs Temperature
±30
✻
pA/
°C
Offset Current
±1
±5
✻
±10
nA
vs Temperature
±30
✻
pA/
°C
NOISE VOLTAGE, RTI
G = 1000, RS = 0Ω
f = 10Hz
10
✻
nV/
√Hz
f = 100Hz
8
✻
nV/
√Hz
f = 1kHz
8
✻
nV/
√Hz
fB = 0.1Hz to 10Hz
0.2
✻
µV
PP
Noise Current
f=10Hz
0.9
✻
pA/
√Hz
f=1kHz
0.3
✻
pA/
√Hz
fB = 0.1Hz to 10Hz
30
✻
pAPP
GAIN
Gain Equation
1 + (50k
Ω/R
G)
✻
V/V
Range of Gain
1
10000
✻✻
V/V
Gain Error
G=1
±0.01
±0.024
✻
±0.1
%
G=10
±0.02
±0.4
✻
±0.5
%
G=100
±0.05
±0.5
✻
±0.7
%
G=1000
±0.5
±1
✻
±2%
Gain vs Temperature(2)
G=1
±1
±10
✻✻
ppm/
°C
50k
Ω Resistance(2, 3)
±25
±100
✻✻
ppm/
°C
Nonlinearity
VO = ±13.6V, G=1
±0.0001
±0.001
✻
±0.002
% of FSR
G=10
±0.0003
±0.002
✻
±0.004
% of FSR
G=100
±0.0005
±0.002
✻
±0.004
% of FSR
G=1000
±0.001
(Note 4)
✻✻
% of FSR
OUTPUT
Voltage: Positive
RL = 10kΩ
(V+) – 1.4
(V+) – 0.9
✻✻
V
Negative
RL = 10kΩ
(V–) + 1.4
(V–) + 0.8
✻✻
V
Load Capacitance Stability
1000
✻
pF
Short-Circuit Current
+6/–15
✻
mA
FREQUENCY RESPONSE
Bandwidth, –3dB
G=1
1.3
✻
MHz
G=10
700
✻
kHz
G=100
200
✻
kHz
G=1000
20
✻
kHz
Slew Rate
VO = ±10V, G=10
4
✻
V/
µs
Settling Time, 0.01%
G=1
7
✻
µs
G=10
7
✻
µs
G=100
9
✻
µs
G=1000
80
✻
µs
Overload Recovery
50% Overdrive
4
✻
µs
POWER SUPPLY
Voltage Range
±2.25
±15
±18
✻✻
✻
V
Current, Total
VIN = 0V
±1.4
±1.5
✻✻
mA
TEMPERATURE RANGE
Specification
–40
85
✻✻
°C
Operating
–40
125
✻✻
°C
θ
JA
80
✻
°C/W
✻ Specification same as INA2128P, U.
NOTE: (1) Input common-mode range varies with output voltage—see Electrical Characteristics.
(2) Ensured by wafer test.
(3) Temperature coefficient of the
50k
Ω term in the gain equation.
(4) Nonlinearity measurements in G = 1000 are dominated by noise. Typical nonlinearity is
±0.001%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com