Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS8884A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8884A
Description  High Voltage Cathode Decoder/Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8884A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS8884A Datasheet HTML 1Page - National Semiconductor (TI) DS8884A Datasheet HTML 2Page - National Semiconductor (TI) DS8884A Datasheet HTML 3Page - National Semiconductor (TI) DS8884A Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5847
May 1986
DS8884A High Voltage Cathode DecoderDriver
General Description
The DS8884A is designed to decode four lines of BCD input
and drive seven-segment digits of gas-filled readout dis-
plays
All outputs consist of switchable and programmable current
sinks which provide constant current to the tube cathodes
even with high tube anode supply tolerance Output currents
may be varied over the 02 mA to 12 mA range for multiplex
operation The output current is adjusted by connecting an
external program resistor (RP) from VCC to the program in-
put in accordance with the programming curve Unused out-
puts must be tied to VCC
Features
Y
Usable with AC or DC input coupling
Y
Current sink outputs
Y
High output breakdown voltage
Y
Low input load current
Y
Intended for multiplex operation
Y
Input pullups increase noise immunity
Y
Commadpt drive
Connection Diagram
Dual-In-Line Package
TLF5847 – 2
Top View
Order Number DS8884AN
See NS Package Number N18A
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DS8884A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS8880 TI1-DS8880 Datasheet
385Kb / 8P
High Voltage 7-Segment Decoder/Driver
logo
National Semiconductor ...
DS8880J NSC-DS8880J Datasheet
139Kb / 6P
High Voltage 7-Segment Decoder/Driver
logo
Texas Instruments
DS8880J TI1-DS8880J Datasheet
385Kb / 8P
High Voltage 7-Segment Decoder/Driver
logo
National Semiconductor ...
DS8880N NSC-DS8880N Datasheet
139Kb / 6P
High Voltage 7-Segment Decoder/Driver
logo
Texas Instruments
DS8880N TI1-DS8880N Datasheet
385Kb / 8P
High Voltage 7-Segment Decoder/Driver
More results

Similar Description - DS8884A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2028 NTE-NTE2028 Datasheet
31Kb / 4P
Integrated Circuit 7-Segment High Voltage Decoder/Driver
logo
NXP Semiconductors
NE587 PHILIPS-NE587 Datasheet
82Kb / 9P
LED decoder/driver
August 31, 1994
logo
Toshiba Semiconductor
TB62713N TOSHIBA-TB62713N Datasheet
1,020Kb / 25P
7 x 5 DOT DISPLAY DECODER AND DRIVER (COMMON CATHODE ROW CAPABILITY)
logo
Microsemi Corporation
TSC383 MICROSEMI-TSC383 Datasheet
725Kb / 4P
Decoder/Driver
logo
National Semiconductor ...
DS7880 NSC-DS7880 Datasheet
139Kb / 6P
High Voltage 7-Segment Decoder/Driver
logo
List of Unclassifed Man...
DI8884A ETC2-DI8884A Datasheet
45Kb / 2P
High Voltage Cathode Decoder/Driver
DI-8884A ETC2-DI-8884A Datasheet
45Kb / 2P
High Voltage Cathode Decoder/Driver
logo
Tiger Electronic Co.,Lt...
03P4J TGS-03P4J Datasheet
1Mb / 3P
High Anode to Cathode Voltage
logo
Vishay Siliconix
MBR2090CT VISHAY-MBR2090CT_15 Datasheet
160Kb / 6P
Dual Common-Cathode High Voltage
11-Sep-13
logo
Texas Instruments
DS7880 TI1-DS7880_11 Datasheet
385Kb / 8P
High Voltage 7-Segment Decoder/Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com