| Electronic Components Datasheet Search |
|
VSP1221 Datasheet(PDF) 15 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
VSP1221 Datasheet(HTML) 15 Page - Texas Instruments |
|
15 / 26 page ![]() www.ti.com PRINCIPLES OF OPERATION INTRODUCTION CDS Analog PGA Digital PGA 12-Bit OB DAC Latch CCD Input 12-Bit Output ADCCLK Gain Code Gain Code Input Clamp OB Calibration Circuit OB Reference ADC CLPDM SHP BLKG SHD OE CLPOB CIN CDS ADC VSP1221 SLES012A – SEPTEMBER 2001 – REVISED JULY 2004 The principle functions of the VSP1221 are described below. The sections discussed are: • CDS • ADC • PGA • Voltage and current reference • Serial interface • Timing – SHP, SHD, AND ADCCLK – CLPDM – BLKG – CLPOB – OE – RESET • Optical-black calibration • Standby mode • General-purpose DAC Before describing the individual blocks, a simplified block diagram of the VSP1221 is shown in Figure 8. Figure 8. Simplified Block Diagram of the VSP1221 The output signal from the CCD is fed to the correlated double sampler (CDS) through off-chip coupling capacitor Cin (a 0.22-µF capacitor is recommended for Cin). The CCD signal is sampled twice during one pixel period: at the reference level (SHP) and at the data level (SHD). Subtracting these two samples extracts the pixel value and reduces the reset noise and other low-frequency noises that are present at the output of the CCD signal. The output analog signal from the analog PGA stage is passed to the 12-bit analog-to-digital converter (ADC). The ADC employs a three-stage pipelined architecture to achieve high-throughput and low-power consumption. Fully-differential implementation and digital-error correction ensures 12-bit resolution. 15 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |