Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC2701 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPIC2701
Description  7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2701 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPIC2701 Datasheet HTML 9Page - Texas Instruments TPIC2701 Datasheet HTML 10Page - Texas Instruments TPIC2701 Datasheet HTML 11Page - Texas Instruments TPIC2701 Datasheet HTML 12Page - Texas Instruments TPIC2701 Datasheet HTML 13Page - Texas Instruments TPIC2701 Datasheet HTML 14Page - Texas Instruments TPIC2701 Datasheet HTML 15Page - Texas Instruments TPIC2701 Datasheet HTML 16Page - Texas Instruments TPIC2701 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
TPIC2701
7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
SLIS019A − SEPTEMBER 1992 − REVISED SEPTEMBER 1996
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL INFORMATION
JW (R-GDIP-T24)
CERAMIC DUAL-IN-LINE PACKAGE
4040111 / B 04/95
0.515 (13,10)
0.560 (14,20)
0.225 (5,70)
0.150 (3,80)
0.610 (15,50)
0.590 (14,99)
0.008 (0,20)
0.012 (0,30)
0.125 (3,17)
0.160 (4,06)
Seating Plane
13
12
0.020 (0,51)
0.070 (1,78)
0.060 (1,52)
0.100 (2,54)
1.235 (31,30)
0.070 (1,78) MAX
1.290 (32,80)
24
1
0.020 (0,51)
0.016 (0,41)
0°−15°
0.100 (2,54)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. This package can be hermetically sealed with a ceramic lid using glass frit.
D. Index point is provided on cap for terminal identification only on press ceramic glass frit seal only
E. Falls within MIL-STD-1835 GDIP5-T24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com