Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS8911 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8911
Description  Sound Up-Conversion Frequency Synthesizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8911 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS8911 Datasheet HTML 1Page - National Semiconductor (TI) DS8911 Datasheet HTML 2Page - National Semiconductor (TI) DS8911 Datasheet HTML 3Page - National Semiconductor (TI) DS8911 Datasheet HTML 4Page - National Semiconductor (TI) DS8911 Datasheet HTML 5Page - National Semiconductor (TI) DS8911 Datasheet HTML 6Page - National Semiconductor (TI) DS8911 Datasheet HTML 7Page - National Semiconductor (TI) DS8911 Datasheet HTML 8Page - National Semiconductor (TI) DS8911 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Connection Diagram
Plastic Chip Carrier
TLF7398 – 8
Top View
Order Number DS8911VDS8913V
See NS Package Number V28A
Pin Descriptions
VCC1 The VCC1 pin provides a 5V supply source for all
circuitry except the reference divider chain op amp and mix-
er sections of the die
VCC2 The VCC2 pin provides a 12V supply source for the
Op amp
VCCL The VCCL pin provides an isolated 5V supply source
for the premix divider and mixer functions
VCCM The VCCM pin provides a 5V supply source for the
reference oscillator and divider chain down through the 50
Hz output thus enabling low standby current for time-of-day
clock applications
GND1 GND2 GNDL and GNDM
Provide isolated circuit
ground for the various sections of the device
DATA and CLOCK
The DATA and CLOCK inputs are for
serial data entry from a controller They are CMOS inputs
with TTL logic thresholds The 24-bit data stream is loaded
into the PLL on the positive transition of the CLOCK The
first 14 bits of the data stream select PLL divide code in
binary form MSB first The 15th through 24th bits select the
premix modulus the reference frequency the bit output
status and the testoperate modes as shown in Tables I
through V
ENABLE
The ENABLE input is a CMOS input with a TTL
logic threshold The ENABLE input enables data when at a
logic ‘‘one’’ and latches data on the transition to a logic
‘‘zero’’
BIT Outputs
The open-collector BIT outputs provide either
the status of shift register bits 22 23 and 24 or enable
access to key internal circuit test nodes The mode for the
bit outputs is controlled by shift register bits 20 and 21 In
operation the bit outputs are intended to drive radio func-
tions such as gain mute and AMFM status These outputs
can also be used to program the loop gain by connection of
an external resistor to IPROG Bit 24 output can also be
used as a 300 millisecond timer under control of shift regis-
ter bit 19 During service testing these pins can be used for
the purpose of either monitoring or driving internal logic
points as indicated in the TEST MODES description under
Table V
VCOb and VCOe
The Voltage Controlled Oscillator inputs
drive the 14-bit programmable counter and the premix divid-
er These inputs are the base and emitter leads of a transis-
tor which require connection of a coil varactor and several
capacitors to function as a Colpitts oscillator The VCO is
designed to operate up to 225 MHz The VCO’s minimum
operating frequency may be limited by the choice of refer-
ence frequency and the 961 minimum modulus constraint of
the 3132 dual modulus counter
RFa and RFb The Radio Frequency inputs are fed differ-
entially into the mixer
IMXR
The bias current for the mixer is programmed by con-
nection of an external resistor to this pin The total mixer
output current equals 4 times the current entering this pin
MIXER and MIXER
The MIXER outputs are the collectors
of the double balanced pair mixer transistors They are in-
tended to operate at voltages greater than VCC1
OSCb and OSCc
The Reference Oscillator inputs are part
of an on-chip Pierce oscillator designed to work in conjunc-
tion with 2 capacitors and a crystal resonator The DS8911
requires a 12 MHz crystal to derive the reference frequen-
cies shown in Table II The DS8913 requires 10 MHz crystal
The 12 MHz OSC signal is also used externally as the 2nd
AM LO to obtain a 450 kHz 2nd IF frequency in the AM
mode
2 MHz
The 2 MHz output is provided to drive a controller’s
clock input
50 Hz
The 50 Hz output is provided as a time reference for
radios with time-of-day clocks
IPROG
The IPROG pin enables the charge pump to be
programmed from 025 mA to 10 mA by connection of an
external resistor to ground
CPO
The Charge Pump Output circuit sources current if the
VCO frequency is high and sinks current if the VCO frequen-
cy is low The CPO is wired directly to the negative input of
the loop filter op amp
OP AMP
The OP AMP output is provided for loop filtering
The op amp has high impedance PMOS gate inputs and is
wired as a transconductance amplifierfilter The op amp’s
positive input is internally referenced while its negative input
is common with the CPO output
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com