Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA111AM Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA111AM
Description  OPERATIONAL AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA111AM Datasheet(HTML) 5 Page - Texas Instruments

  OPA111AM Datasheet HTML 1Page - Texas Instruments OPA111AM Datasheet HTML 2Page - Texas Instruments OPA111AM Datasheet HTML 3Page - Texas Instruments OPA111AM Datasheet HTML 4Page - Texas Instruments OPA111AM Datasheet HTML 5Page - Texas Instruments OPA111AM Datasheet HTML 6Page - Texas Instruments OPA111AM Datasheet HTML 7Page - Texas Instruments OPA111AM Datasheet HTML 8Page - Texas Instruments OPA111AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
®
OPA111
TYPICAL PERFORMANCE CURVES (CONT)
TA = +25°C, VCC = ±15VDC unless otherwise noted.
TOTAL* INPUT VOLTAGE NOISE SPECTRAL
DENSITY vs SOURCE RESISTANCE
100
Frequency (Hz)
1k
10k
100k
10
1
0.1
1k
100
10
1
R
S = 10MΩ
R
S = 1MΩ
R
S = 100kΩ
R
S = 100Ω
BM
*Includes contribution
from source resistance.
TOTAL* INPUT VOLTAGE NOISE (PEAK-TO-PEAK)
vs SOURCE RESISTANCE
104
105
106
107
108
109
1010
1k
100
10
1
*Includes contribution
from source resistance.
Source Resistance (
Ω)
BM
f
B = 0.1Hz to 10Hz
VOLTAGE AND CURRENT NOISE SPECTRAL
DENSITY vs TEMPERATURE
12
10
8
6
4
–50
–25
0
25
50
75
100
125
Temperature (°C)
–75
100
10
1
0.1
0.01
f
O = 1kHz
BIAS AND OFFSET CURRENT
vs TEMPERATURE
–50
Ambient Temperature (°C)
–25
0
25
50
75
100
125
1k
100
10
1
0.1
0.01
BM
1k
100
10
1
0.1
0.01
BIAS AND OFFSET CURRENT
vs INPUT COMMON-MODE VOLTAGE
–15
–10
–5
0
5
10
15
10
1
0.1
0.01
10
1
0.1
0.01
Common-Mode Voltage (V)
Bias Current
Offset Current
POWER SUPPLY REJECTION
vs FREQUENCY
1
Frequency (Hz)
10
100
1k
10k
100k
1M
10M
140
120
100
80
60
40
20
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com