Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2634U Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA2634U
Description  Dual, Wideband, Single-Supply OPERATIONAL AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2634U Datasheet(HTML) 2 Page - Texas Instruments

  OPA2634U Datasheet HTML 1Page - Texas Instruments OPA2634U Datasheet HTML 2Page - Texas Instruments OPA2634U Datasheet HTML 3Page - Texas Instruments OPA2634U Datasheet HTML 4Page - Texas Instruments OPA2634U Datasheet HTML 5Page - Texas Instruments OPA2634U Datasheet HTML 6Page - Texas Instruments OPA2634U Datasheet HTML 7Page - Texas Instruments OPA2634U Datasheet HTML 8Page - Texas Instruments OPA2634U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
OPA2634
2
SBOS098A
OPA2634U
TYP
GUARANTEED
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C70°C
+85
°C
UNITS
MAX
LEVEL(1)
SPECIFICATIONS: VS = +5V
At TA = 25°C, G = +2, RF = 750Ω, and RL = 150Ω to VS/2, unless otherwise noted (see Figure 1).
AC PERFORMANCE (Figure 1)
Small-Signal Bandwidth
G = +2, VO ≤ 0.5Vp-p
150
100
84
78
MHz
min
B
G = +5, VO ≤ 0.5Vp-p
36
24
20
18
MHz
min
B
G = +10, VO ≤ 0.5Vp-p
16
11
10
8
MHz
min
B
Gain Bandwidth Product
G
≥ +10
140
100
82
75
MHz
min
B
Peaking at a Gain of +1
VO ≤ 0.5Vp-p
5
———
dB
typ
C
Slew Rate
G = +2, 2V Step
250
170
125
115
V/
µs
min
B
Rise Time
0.5V Step
2.4
3.4
4.7
5.2
ns
max
B
Fall Time
0.5V Step
2.4
3.5
4.5
4.8
ns
max
B
Settling Time to 0.1%
G = +2, 1V Step
15
19
22
23
ns
max
B
Spurious Free Dynamic Range
VO = 2Vp-p, f = 5MHz
63
56
51
50
dB
min
B
Input Voltage Noise
f > 1MHz
5.6
6.2
7.3
7.7
nV/
√Hz max
B
Input Current Noise
f > 1MHz
2.8
3.8
4.2
5
pA/
√Hz max
B
NTSC Differential Gain
0.10
———
%
typ
C
NTSC Differential Phase
0.16
———
degrees
typ
C
Channel-to-Channel Crosstalk
Input Referred, 5MHz
< –90
———
dB
typ
C
DC PERFORMANCE
Open-Loop Voltage Gain
RL = 150Ω
66
63
60
53
dB
min
A
Input Offset Voltage
±3
±7
±8
±10
mV
max
A
Average Offset Voltage Drift
———
4.6
µV/°C
max
B
Input Bias Current
VCM = 2.0V
25
47
57
84
µA
max
A
Input Offset Current
VCM = 2.0V
±0.6
±2.25
±2.6
±4.5
µA
max
A
Input Offset Current Drift
———
15
nA/
°C
max
B
INPUT
Least Positive Input Voltage
–0.24
–0.1
–0.05
–0.01
V
max
B
Most Positive Input Voltage
3.8
3.5
3.45
3.4
V
min
A
Common-Mode Rejection Ratio (CMRR)
Input Referred
78
73
71
63
dB
min
A
Input Impedance
Differential-Mode
10 || 2.1
———
k
Ω || pF
typ
C
Common-Mode
400 || 1.2
———
k
Ω || pF
typ
C
OUTPUT
Least Positive Output Voltage
RL = 1kΩ to 2.5V
0.03
0.09
0.10
0.11
V
max
A
RL = 150Ω to 2.5V
0.1
0.16
0.17
0.24
V
max
A
Most Positive Output Voltage
RL = 1kΩ to 2.5V
4.86
4.8
4.75
4.7
V
min
A
RL = 150Ω to 2.5V
4.65
4.55
4.5
4.4
V
min
A
Current Output, Sourcing
80
50
45
20
mA
min
A
Current Output, Sinking
100
73
59
18
mA
min
A
Short-Circuit Current (output shorted to either supply)
100
———
mA
typ
C
Closed-Loop Output Impedance
G = +2, f
≤ 100kHz
0.2
———
Ω
typ
C
POWER SUPPLY
Minimum Operating Voltage
—
2.7
2.7
2.7
V
min
B
Maximum Operating Voltage
—
10.5
10.5
10.5
V
max
A
Maximum Quiescent Current
VS = +5V, Each Channel
12
12.7
13.2
13.5
mA
max
A
Minimum Quiescent Current
VS = +5V, Each Channel
12
11.3
9.75
8.5
mA
min
A
Power Supply Rejection Ratio (PSRR)
Input Referred
55
52
50
49
dB
min
A
THERMAL CHARACTERISTICS
Specification: U
–40 to +85
———
°C
typ
C
Thermal Resistance
U
SO-8
125
———
°C/W
typ
C
NOTE: (1) Test Levels: (A) 100% tested at 25
°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and simulation.
(C) Typical value only for information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com