Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2140IPWPR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2140IPWPR
Description  ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2140IPWPR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS2140IPWPR Datasheet HTML 8Page - Texas Instruments TPS2140IPWPR Datasheet HTML 9Page - Texas Instruments TPS2140IPWPR Datasheet HTML 10Page - Texas Instruments TPS2140IPWPR Datasheet HTML 11Page - Texas Instruments TPS2140IPWPR Datasheet HTML 12Page - Texas Instruments TPS2140IPWPR Datasheet HTML 13Page - Texas Instruments TPS2140IPWPR Datasheet HTML 14Page - Texas Instruments TPS2140IPWPR Datasheet HTML 15Page - Texas Instruments TPS2140IPWPR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
TPS2140, TPS2141
TPS2150, TPS2151
SLVS399A − JANUARY 2002 − REVISED MAY 2006
12
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Figure 3. Switch Turnon Delay and Rise Time With
10-
µF Load (SW_OUT Shorted With SW_PLDN)
LDO_EN = 5 V
LDO_EN = 0 V
t − Time − 200
µs/div
VI (SW_EN)
5 V/div
VO (SW_OUT)
5 V/div
VO (SW_OUT)
5 V/div
Figure 4. Switch Turnoff Delay and Fall Time With
10-
µF Load (SW_OUT Shorted With SW_PLDN)
LDO_EN = 5 V
LDO_EN = 0 V
t − Time − 1 ms/div
VI (SW_EN)
5 V/div
VO (SW_OUT)
5 V/div
VO (SW_OUT)
5 V/div
Figure 5. Switch Turnon Delay and Rise Time With
120-
µF Load (SW_OUT Shorted With SW_PLDN)
LDO_EN = 5 V
LDO_EN = 0 V
t − Time − 2 ms/div
VI (SW_EN)
5 V/div
VO (SW_OUT)
5 V/div
VO (SW_OUT)
5 V/div
Figure 6. Switch Turnoff Delay and Fall Time With
120-
µF Load (SW_OUT Shorted With SW_PLDN)
LDO_EN = 5 V
LDO_EN = 0 V
t − Time − 10 ms/div
VI (SW_EN)
5 V/div
VO (SW_OUT)
5 V/div
VO (SW_OUT)
5 V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com