Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7841FDWWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7841FDWWR
Description  High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7841FDWWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO7841FDWWR Datasheet HTML 3Page - Texas Instruments ISO7841FDWWR Datasheet HTML 4Page - Texas Instruments ISO7841FDWWR Datasheet HTML 5Page - Texas Instruments ISO7841FDWWR Datasheet HTML 6Page - Texas Instruments ISO7841FDWWR Datasheet HTML 7Page - Texas Instruments ISO7841FDWWR Datasheet HTML 8Page - Texas Instruments ISO7841FDWWR Datasheet HTML 9Page - Texas Instruments ISO7841FDWWR Datasheet HTML 10Page - Texas Instruments ISO7841FDWWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
7
ISO7841, ISO7841F
www.ti.com
SLLSEM3F – NOVEMBER 2014 – REVISED APRIL 2016
Product Folder Links: ISO7841 ISO7841F
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
ISO7841
UNIT
THERMAL METRIC(1)
DW (SOIC)
DWW (SOIC)
16 Pins
16 Pins
RθJA
Junction-to-ambient thermal resistance
78.9
78.9
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
41.6
41.1
°C/W
RθJB
Junction-to-board thermal resistance
43.6
49.5
°C/W
ψJT
Junction-to-top characterization parameter
15.5
15.2
°C/W
ψJB
Junction-to-board characterization parameter
43.1
48.8
°C/W
RθJC(bottom) Junction-to-case(bottom) thermal resistance
N/A
N/A
°C/W
6.5 Power Dissipation Characteristics
VALUE
UNIT
PD
Maximum power dissipation by ISO78410x
VCC1 = VCC2 = 5.5 V, TJ = 150°C,
CL = 15 pF, input a 50 MHz 50% duty cycle
square wave
200
mW
PD1
Maximum power dissipation by side-1 of
ISO78410x
50
PD2
Maximum power dissipation by side-2 of
ISO78410x
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com