Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2228 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS2228
Description  PC CARD POWER-INTERFACE SWITCH FOR PCMCIA CONTROLLERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2228 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2228 Datasheet HTML 4Page - Texas Instruments TPS2228 Datasheet HTML 5Page - Texas Instruments TPS2228 Datasheet HTML 6Page - Texas Instruments TPS2228 Datasheet HTML 7Page - Texas Instruments TPS2228 Datasheet HTML 8Page - Texas Instruments TPS2228 Datasheet HTML 9Page - Texas Instruments TPS2228 Datasheet HTML 10Page - Texas Instruments TPS2228 Datasheet HTML 11Page - Texas Instruments TPS2228 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
TPS2228
TPS2221
SLVS419C − MAY 2002 REVISED DECEMBER 2008
www.ti.com
8
PARAMETER MEASUREMENT INFORMATION
Figure 3. Short-Circuit Response, Short Applied
to Powered-on 5VIN-to-xVCC Switch Output
Figure 4. Short-Circuit Response, Short Applied
to Powered-on 3.3VIN-to-xVCC-Switch Output
0
t − Time −
µs
5VIN
IO(xVCC)
t − Time −
µs
3.3VIN
IO(xVCC)
1V/DIV
5A/DIV
0.5V/DIV
5A/DIV
10
20
30
40
50
40
080
120
160
180
Figure 5. OC Response With 5VIN-to-xVCC
Switch Output Turned on Into a Short
Figure 6. OC Response With 3.3VIN-to-xVCC
Switch Output Turned on Into a Short
0
t − Time − ms
OC
2V/div
IO(VCC)
1A/div
CI = 10 µF
CO = 150 µF
0
t − Time − ms
OC
2V/div
IO(VCC)
1A/div
CI = 10 µF
CO = 150 µF
4
8
12
16
20
48
12
16
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com