Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5571IDBVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5571IDBVR
Description  2.7 V to 5.5 V, I2C INTERFACE, VOLTAGE OUTPUT, 8-BIT DIGITAL-TO-ANALOG CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5571IDBVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC5571IDBVR Datasheet HTML 9Page - Texas Instruments DAC5571IDBVR Datasheet HTML 10Page - Texas Instruments DAC5571IDBVR Datasheet HTML 11Page - Texas Instruments DAC5571IDBVR Datasheet HTML 12Page - Texas Instruments DAC5571IDBVR Datasheet HTML 13Page - Texas Instruments DAC5571IDBVR Datasheet HTML 14Page - Texas Instruments DAC5571IDBVR Datasheet HTML 15Page - Texas Instruments DAC5571IDBVR Datasheet HTML 16Page - Texas Instruments DAC5571IDBVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
www.ti.com
THEORY OF OPERATION
D/A SECTION
REF (+)
REF (-)
Resistor
String
Output
Amplifier
VOUT
GND
VDD
DAC Register
V
OUT +
V
DD
D
256
RESISTOR STRING
VDD
To Output
Amplifier
R
R
R
R
GND
OUTPUT AMPLIFIER
I
2C Interface
DAC5571
SLAS405 – DECEMBER 2003
The architecture of the DAC5571 consists of a string DAC followed by an output buffer amplifier. Figure 39
shows a block diagram of the DAC architecture.
Figure 39. R-String DAC Architecture
The input coding to the DAC5571 is unsigned binary, which gives the ideal output voltage as:
where D = decimal equivalent of the binary code that is loaded to the DAC register; it can range from 0 to 255.
The resistor string section is shown in Figure 40. It is basically a divide-by-2 resistor, followed by a string of
resistors, each of value R. The code loaded into the DAC register determines at which node on the string the
voltage is tapped off to be fed into the output amplifier by closing one of the switches connecting the string to the
amplifier. Because the architecture consists of a string of resistors, it is specified monotonic.
Figure 40. Resistor String
The output buffer amplifier is a gain-of-2 amplifier, capable of generating rail-to-rail voltages on its output, which
gives an output range of 0 V to VDD. It is capable of driving a load of 2 kΩ in parallel with 1000 pF to GND. The
source and sink capabilities of the output amplifier can be seen in the typical characteristics curves. The slew
rate is 1 V/µs with a half-scale settling time of 7 µs with the output unloaded.
I
2C is a two-wire serial interface developed by Philips Semiconductor (see I2C-Bus Specification, Version 2.1,
January 2000). The bus consists of a data line (SDA) and a clock line (SCL) with pullup structures. When the bus
is idle, both SDA and SCL lines are pulled high. All the I
2C compatible devices connect to the I2C bus through
open drain I/O pins, SDA and SCL. A master device, usually a microcontroller or a digital signal processor,
controls the bus. The master is responsible for generating the SCL signal and device addresses. The master also
generates specific conditions that indicate the START and STOP of data transfer. A slave device receives and/or
transmits data on the bus under control of the master device.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com