Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS8 Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # LS8
Description  Switch operating force
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

LS8 Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  LS8_12 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(Top view)
推奨はんだ付けパターン
Recommendable soldering pattern
(Top view)
回路図
Circuit drawing
上面押しモールドタイプ Top-press mold type
LS8 Series
●
電気的・
 
機械的特性
Electrical and
Mechanical
Characteristics
●
外形寸法図
Outline drawing
1.5
3.4
1.5
3
4.9
0.5
SW2
SW2
SW1
SW1
1.4 1.4
0.75
J Type
H Type
1.小型・薄型、高フィーリング
Compact and thin, high sensitivity
2.防塵・防水構造
Dust- and waterproof mechanism
・カーオーディオ機器
Car audio devices
・各種AV機器
Various AV devices
・キーレスエントリー
Keyless entry device
●
製品コード
Product code
T:テーピング
Tape and reel
無記入:バルク
No coded:
Bulk packing
納入形態
Packing mode
2:1.76N
3:2.35N
4:3.43N
6:5.20N
操作荷重
Operating force
スイッチ高さ
Thickness
H:2.1mm
J:2.5mm
M:金属
Metal
スイッチバネ種類
Kind of switch spring
M
特徴 Features
用途 Application
作動力 Operating force
接続抵抗 Contact resistance
絶縁抵抗 Insulation resistance
耐電圧 Withstanding voltage
バウンス Bounce
ストローク Stroke
動作寿命 Operating life(times)
最大定格 Maximum rating
スイッチ作動力 Switch operating force
1.76N
10万回以上
100,000 or more
5万回以上
50,000 or more
3万回以上
30,000 or more
2.35N
DC12V 20mA
100mΩ以下 100mΩ or less
100MΩ以上 100MΩ or more
AC250V 1分間 AC250V for one minute
20ms以下 20ms or less
0.20mm
5.20N
1.76±0.49N
2.35±0.59N
3.43N
3.43±0.78N
5.20±0.98N
Item
(Ta 25℃)
-
LS 8
単位 Unit : mm
●LS8 Seriesを車載製品に使用する場合には、当社までご連絡願います。
 Please contact us when using LS8 Series installing on the vehicle-mounted products.
包装数量:3,000個×1リール(φ330mm)Loaded quantity:3,000 pcs.×1 reel(φ330mm)
TACTILE SWITCH共通番号
Common for TACTILE SWITCHes
シリーズ名
Series


Similar Part No. - LS8_12

ManufacturerPart #DatasheetDescription
logo
YORKVILLE
LS801P YORKVILLE-LS801P Datasheet
189Kb / 2P
Powered Series
logo
Linear Integrated Syste...
LS831 LINEAR-LS831 Datasheet
30Kb / 2P
ULTRA LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET
logo
Micross Components
LS831 MICROSS-LS831 Datasheet
284Kb / 1P
Linear Systems Ultra Low Leakage Low Drift Monolithic Dual JFET
logo
Linear Integrated Syste...
LS831 LINEAR-LS831 Datasheet
257Kb / 2P
ULTRA LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL JFET AMPLIFIER
logo
Micross Components
LS831_PDIP MICROSS-LS831_PDIP Datasheet
284Kb / 1P
MONOLITHIC DUAL NPN TRANSISTOR
More results

Similar Description - LS8_12

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS155 CITIZEN-LS155 Datasheet
431Kb / 1P
Switch operating force
LS127 CITIZEN-LS127 Datasheet
430Kb / 1P
Switch operating force
LS95 CITIZEN-LS95 Datasheet
431Kb / 1P
Switch operating force
LS75 CITIZEN-LS75 Datasheet
431Kb / 1P
Switch operating force
LS71 CITIZEN-LS71 Datasheet
429Kb / 1P
Switch operating force
LS70 CITIZEN-LS70 Datasheet
454Kb / 1P
Switch operating force
LS55 CITIZEN-LS55 Datasheet
435Kb / 1P
Switch operating force
LS38 CITIZEN-LS38 Datasheet
434Kb / 1P
Switch operating force
LS14 CITIZEN-LS14 Datasheet
437Kb / 1P
Switch operating force
LS12 CITIZEN-LS12_12 Datasheet
432Kb / 1P
Switch operating force
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com