Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS8935 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8935
Description  LocalTalk??Dual Driver/Triple Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8935 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DS8935 Datasheet HTML 4Page - National Semiconductor (TI) DS8935 Datasheet HTML 5Page - National Semiconductor (TI) DS8935 Datasheet HTML 6Page - National Semiconductor (TI) DS8935 Datasheet HTML 7Page - National Semiconductor (TI) DS8935 Datasheet HTML 8Page - National Semiconductor (TI) DS8935 Datasheet HTML 9Page - National Semiconductor (TI) DS8935 Datasheet HTML 10Page - National Semiconductor (TI) DS8935 Datasheet HTML 11Page - National Semiconductor (TI) DS8935 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Typical Application Information (Continued)
TABLE 1. Device Pin Descriptions
Pin#
Name
Description
2, 4
D
IN
TTL Driver Input Pins
3D
EN1
Active Low Driver Enable Pin. A High on this Pin TRI-STATEs the Driver
Outputs (D1 Only)
19
D
OUT+
Non-Inverting Driver Output Pin
17, 18
D
OUT−
Inverting Driver Output Pin
13, 15
R
IN+
Non-Inverting Receiver Input Pin
16, 14
R
IN−
Inverting Receiver Input Pin
5, 6, 7
R
OUT
Receiver Output Pin
9R
EN
Active Low Receiver Enable
12
R
EN
Active High Receiver Enable
10, 11
N/C
Not Connected
8
GND
Ground Pin
1V
EE
Negative Power Supply Pin, −5V ±5%
20
V
CC
Positive Power Supply Pin, +5V ±5%
DRIVER OUTPUT WAVEFORMS
The driver configuration on the DS8935 is unique among
TIA/EIA-422 devices in that it utilizes −5V V
EE supply. A typi-
cal TIA/EIA-422 driver uses +5V only and generates signal
swings of approximately 0V–5V.
By utilizing V
EE, the differential driver is able to generate a
much larger differential signal. The typical output voltage is
about |4| V, which gives |8| V differentially, thus providing a
much greater noise margin than +5V drivers. See
Figure 13.
The receiver therefore has a range of +8V to −8V or V
SS of
16V (V
SS = VOD–VOD*).
Each side of the differential driver operates similar to a TIA/
EIA-423 driver. The output voltages are slightly different due
to the loading: the differential driver has differential termina-
tion, the single-ended driver is terminated with a resistor to
ground.
DS012066-15
DS012066-16
Note 9: VCC = +5V, VEE = −5V
Note 10: D1 Enabled (Active)
FIGURE 13. Typical Driver Output Waveforms
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com