Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3897PDRYR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3897PDRYR
Description  Single-Channel, Adjustable Voltage Monitor in Ultra-Small Package
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3897PDRYR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3897PDRYR Datasheet HTML 3Page - Texas Instruments TPS3897PDRYR Datasheet HTML 4Page - Texas Instruments TPS3897PDRYR Datasheet HTML 5Page - Texas Instruments TPS3897PDRYR Datasheet HTML 6Page - Texas Instruments TPS3897PDRYR Datasheet HTML 7Page - Texas Instruments TPS3897PDRYR Datasheet HTML 8Page - Texas Instruments TPS3897PDRYR Datasheet HTML 9Page - Texas Instruments TPS3897PDRYR Datasheet HTML 10Page - Texas Instruments TPS3897PDRYR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
V
V
-
IT+
hys
V
IT+
t
pd(r)
t
pd(r)
VCC
SENSE
ENABLE
t
d(A)
V
(POR)
t
pd(f)
t
d(OFF)
UVLO
SENSE_OUT
V
IT+
TPS389
www.ti.com
SBVS172B – JULY 2011 – REVISED APRIL 2015
7.6 Timing Requirements
MIN
TYP
MAX
UNIT
V(SENSE) rising, C(CT) =
40
µs
open
tpd(r)
SENSE (rising) to SENSE_OUT propagation delay
V(SENSE) rising, C(CT) =
190
ms
0.047 µF
tpd(f)
SENSE (falling) to SENSE_OUT propagation delay
V(SENSE) falling
16
µs
Start-up delay(1)
50
µs
tw
ENABLE pin minimum pulse duration
1
µs
ENABLE pin glitch rejection
100
ns
ENABLE to SENSE_OUT delay time (output
ENABLE deasserted to
td(OFF)
200
ns
disabled)
output deasserted
ENABLE asserted to output
td(P)
ENABLE to SENSE_OUT delay time (P version)
asserted delay
200
ns
(P version)
ENABLE asserted to output
asserted delay
20
µs
(A version), C(CT) = open
td(A)
ENABLE to SENSE_OUT delay time (A version)
ENABLE asserted to output
asserted delay
190
ms
(A version), C(CT) = 0.047
µF
(1)
During power on, VCC must exceed 1.7 V for at least 50 µs (plus propagation delay time, tpd(r)) before output is in the correct state.
Figure 1. TPS3895A and TPS3897A Timing
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS389



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com