Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS730 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ACS730
Description  1 MHz Bandwidth, Galvanically Isolated Current Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS730 Datasheet(HTML) 4 Page - Allegro MicroSystems

  ACS730 Datasheet HTML 1Page - Allegro MicroSystems ACS730 Datasheet HTML 2Page - Allegro MicroSystems ACS730 Datasheet HTML 3Page - Allegro MicroSystems ACS730 Datasheet HTML 4Page - Allegro MicroSystems ACS730 Datasheet HTML 5Page - Allegro MicroSystems ACS730 Datasheet HTML 6Page - Allegro MicroSystems ACS730 Datasheet HTML 7Page - Allegro MicroSystems ACS730 Datasheet HTML 8Page - Allegro MicroSystems ACS730 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
1 MHz Bandwidth, Galvanically Isolated Current Sensor IC
in Small Footprint SOIC8 Package
ACS730
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
4.5
5
5.5
V
Supply Current
ICC
VCC = 5 V, output open
–
17
25
mA
Power-On Time
tPO
TA = 25°C
–
150
–
μs
Output Capacitance Load
CL
VIOUT to GND
–
–
0.47
nF
Reference Capacitance Load
CVZCR
VZCR to GND
–
–
1
nF
Output Resistive Load
RL
VIOUT to GND, VIOUT to VCC
10
–
–
kΩ
Reference Resistive Load
RVZCR
VIOUT to GND, VZCR to VCC
10
–
–
kΩ
Output High Saturation Voltage2
VOH
VIOUT, TA = 25°C
VCC – 0.4
VCC – 0.3
–
V
Output Low Saturation Voltage2
VOL
VIOUT, TA = 25°C
–
0.1
0.2
V
Primary Conductor Resistance
RIP
TA = 25°C
–
1.2
–
mΩ
Magnetic Coupling Factor
MCF
TA = 25°C
–
10
–
G/A
Rise Time
tr
TA = 25°C, CL = 0.47 nF, 1 V step on output
–
0.6
–
μs
Response Time
tRESPONSE
TA = 25°C, CL = 0.47 nF, 1 V step on output
–
0.7
–
μs
Internal Bandwidth
BW
Small signal –3 dB; CL = 0.47 nF
–
1
–
MHz
Noise Density
IND(rms)
Input referenced noise density;
TA = 25°C, CL = 0.47 nF
–
40
–
µA(rms)/
√
Hz
Power Supply Rejection Ratio
PSRR
0 to 200 Hz, 100 mV pk-pk ripple on VCC,
IP = 0 A, VIOUT and VZCR
–
35
–
dB
Sensitivity Power Supply Rejection Ratio
SPSRR
DC, VCC(min) < VCC < VCC(max), IP =
IPR(max)
–
15
–
dB
Offset Power Supply Rejection Ratio
OPSRR
DC, VCC(min) < VCC < VCC(max)
–
30
–
dB
Output Source Current
IOUT(src)
VIOUT shorted to GND
–
5.5
–
mA
Output Sink Current
IOUT(snk)
VIOUT shorted to VCC
–
3
–
mA
Zero Current Reference Voltage
VZCR
TA = 25°C
–
2.5
–
V
Zero Current Reference Offset Voltage
VZCR(ofs)
TA = 25°C
–10
±3
10
mV
TA = 25°C to 125°C
–20
±10
20
mV
TA = –40°C to 25°C
–
±10
–
mV
Reference Source Current
IVZCR(src)
VZCR shorted to GND
–
2
–
mA
Reference Sink Current
IVZCR(snk)
VZCR shored to VCC
–
14
–
mA
1
Device may be operated at higher primary current levels, IP, ambient temperatures, TA, and internal leadframe temperatures, provided the Maximum Junction Tempera-
ture, TJ(max), is not exceeded.
2
The sensor IC will continue to respond to current beyond the range of IP until the high or low saturation voltage; however, the nonlinearity in this region will be worse than
through the rest of the measurement range.
COMMON ELECTRICAL CHARACTERISTICS1: Valid over full range of TA , VCC= 5 V, unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com