Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS770 Datasheet(PDF) 28 Page - Allegro MicroSystems

Part # ACS770
Description  Thermally Enhanced, Fully Integrated, Hall Effect-Based High Precision Linear Current Sensor IC with 100 關廓 Current Conductor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS770 Datasheet(HTML) 28 Page - Allegro MicroSystems

Back Button ACS770 Datasheet HTML 21Page - Allegro MicroSystems ACS770 Datasheet HTML 22Page - Allegro MicroSystems ACS770 Datasheet HTML 23Page - Allegro MicroSystems ACS770 Datasheet HTML 24Page - Allegro MicroSystems ACS770 Datasheet HTML 25Page - Allegro MicroSystems ACS770 Datasheet HTML 26Page - Allegro MicroSystems ACS770 Datasheet HTML 27Page - Allegro MicroSystems ACS770 Datasheet HTML 28Page - Allegro MicroSystems ACS770 Datasheet HTML 29Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
Thermally Enhanced, Fully Integrated, Hall Effect-Based
High Precision Linear Current Sensor IC with 100 µΩ Current Conductor
ACS770xCB
28
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
For Reference Only – Not for Tooling Use
(Reference DWG-9111, DWG-9110)
Dimensions in millimeters – NOT TO SCALE
Dimensions exclusive of mold flash, gate burs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
4
5
A
2.75 ±0.10
1.50 ±0.10
14.0 ±0.2
4.0 ±0.2
3.0 ±0.2
10.00 ±0.10
7.00 ±0.10
13.00 ±0.10
4.40 ±0.10
23.50 ±0.5
1
Branded
Face
A
B
B
NNNNNNN
TTT-AAA
LLLLLLL
YYWW
Dambar removal intrusion
= Device part number
=Temperature code
= Amperage range
= Lot number
= Last two digits of year of
manufacture
= Week of manufacture
= Supplier emblem
N
T
A
L
Y
W
Standard Branding Reference View
Branding scale and appearance at supplier discretion
23
1
0.51 ±0.10
1.9 ±0.2
5º±5°
2.9 ±0.2
3.5 ±0.2
0.381
+0.060
–0.030
1.91
∅ 0.8
∅ 1.5
B
PCB Layout Reference View
Figure 5: Package CB, 5-Pin, Leadform PSF
Creepage distance, current terminals to signal pins: 7.25 mm
Clearance distance, current terminals to signal pins: 7.25 mm
Package mass: 4.63 g typical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com