Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS128 Datasheet(PDF) 17 Page - Allegro MicroSystems

Part # ATS128
Description  Highly Programmable, Back-Biased, Hall-Effect Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS128 Datasheet(HTML) 17 Page - Allegro MicroSystems

Back Button ATS128 Datasheet HTML 13Page - Allegro MicroSystems ATS128 Datasheet HTML 14Page - Allegro MicroSystems ATS128 Datasheet HTML 15Page - Allegro MicroSystems ATS128 Datasheet HTML 16Page - Allegro MicroSystems ATS128 Datasheet HTML 17Page - Allegro MicroSystems ATS128 Datasheet HTML 18Page - Allegro MicroSystems ATS128 Datasheet HTML 19Page - Allegro MicroSystems ATS128 Datasheet HTML 20Page - Allegro MicroSystems ATS128 Datasheet HTML 21Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Highly Programmable, Back-Biased,
Hall-Effect Switch with TPOS Functionality
ATS128LSE
17
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Fuse Checking
Incorporated in the ATS128 is circuitry to simultaneously check
the integrity of the fuse bits. The fuse checking feature is enabled
by using the Fuse Checking registers, and while in Try mode,
applying the codes shown in table 3. The register is only valid
in Try mode and is available before or after the programming
LOCK bit is set.
Selecting the Fuse Threshold High register checks that all blown
fuses are properly blown. Selecting the Fuse Threshold Low
register checks all un-blown fuses are properly intact. The supply
current, ICC, increases by 250 μA if a marginal fuse is detected.
If all fuses are correctly blown or fully intact, there will be no
change in supply current.
Output Polarity
When selecting the BOP registers in Try mode, the output polarity
is determined by the value of the Output Polarity bit (POL). The
default value is POL = 0 (fuse un-blown). For applications that
require the output states defined by POL = 1 (see Operating Char-
acteristics table), it is recommended to first permanently blow the
POL bit by selecting the Output / Lock bit register, and code 4.
The output is then defined by POL = 1 when selecting the BOP
Try mode registers. See table 3 for parameter details.
Additional Guidelines
The additional guidelines in this section should be followed to
ensure the proper behavior of these devices:
• The power supply used for programming must be capable of
delivering at least VPH and IPP.
• Be careful to observe the tLOW delay time before powering
down the device after blowing each bit.
• Set the LOCK bit (only after all other parameters have been
programmed and validated) to prevent any further programming
of the device.
Read Mode
The ATS128 features a Read mode that allows the status of each
programmable fuse to be read back individually. The status,
blown or not blown, of the addressed fuse is determined by moni-
toring the state of the VOUT pin. A complete example is shown
in figure 11.
Read mode uses the same register selection keys as Blow mode
(see table 3), allowing direct addressing of the individual fuses in
the BOPPOL and BOPSEL registers (do not inadvertently send a
Blow pulse while in Read mode). After sending the register and
mode selection keys, that is, after the falling edge of the final VPH
pulse in the key, the first bit (the LSB) is selected. Each addi-
Figure 11. Read mode example. Pulse sequence for accessing the BOP Selection register
(BOPSEL) and reading back the status of each of the eight bit fields. In this example, the code
(blown fuses) is 2 + 22 +25 + 27 = 166 (10100110). After each address pulse is sent, the voltage
on the VOUT pin will be at GND for un-blown fuses and at VCC (at VPL or VPM) for blown fuses.
VPH
VPM
VPL
VPH
VPM
VPL
GND
Register (and Mode) Selection Key
Bit Field (Fuse) Address Codes
Read-out on VOUT pin
1234567
1
234567
8
9 10 11
GND
Fuse intact
Fuse blown
Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com