Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS605LSG Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ATS605LSG
Description  Dual Output Differential Speed and Direction Sensor IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS605LSG Datasheet(HTML) 1 Page - Allegro MicroSystems

  ATS605LSG Datasheet HTML 1Page - Allegro MicroSystems ATS605LSG Datasheet HTML 2Page - Allegro MicroSystems ATS605LSG Datasheet HTML 3Page - Allegro MicroSystems ATS605LSG Datasheet HTML 4Page - Allegro MicroSystems ATS605LSG Datasheet HTML 5Page - Allegro MicroSystems ATS605LSG Datasheet HTML 6Page - Allegro MicroSystems ATS605LSG Datasheet HTML 7Page - Allegro MicroSystems ATS605LSG Datasheet HTML 8Page - Allegro MicroSystems ATS605LSG Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Description
The ATS605LSG provides a single IC solution to rotational
position sensing applications with a ferrous gear target.
The SG package incorporates a rare earth pellet for ease of
manufacturing, consistent performance over temperature, and
enhanced reliability.
ThreeHallelementsareincorporatedtocreatetwoindependent
differential channels. These channels are processed by the
IC which contains a sophisticated digital circuit designed
to eliminate the detrimental effects of magnet and system
offsets. Hall differential signals are used to produce a highly
accurate speed output and, if desired, provide information on
the direction of rotation.
Advanced calibration techniques are used to optimize signal
offset and amplitude. This calibration, combined with the
digital tracking of the signal, results in accurate switch-points
over air gap, speed, and temperature. The open-drain outputs
provide voltage output signals which mirror the sensed target’s
shape, with a phase separation between the two channels
proportionate to the size of the target teeth vs. the Hall element
spacing. This sensor IC system is optimized for a variety of
applicationsrequiringdualphasegearspeedandpositionsignal
information or simultaneous high-resolution gear speed and
direction information.
The ATS605 is offered in a lead (Pb) free 4-pin SIP package
with an integrated back-basing magnet with a 100% matte tin
plated leadframe.
ATS605LSG-DS
Features and Benefits
•
Two independent digital outputs representing the sensed
target’s mechanical profile
•
Optional output with high resolution position and direc-
tion detection information
•
Air gap independent switch points
•
Integrated back-biasing magnetic circuit
•
Immunity to external magnetic interference
•
Wide operating voltage range
•
Single chip IC for high reliability
•
Robust test coverage and reliability using Scan and
IDDQ test methodologies
•
Optional Double-Bandwidth configuration
Dual Output Differential
Speed and Direction Sensor IC
Package: 4-pin SIP (suffix SG)
ATS605LSG
Hall Amp
VCC
REGULATOR
(Analog)
REGULATOR
(Digital)
OFFSET
ADJUST
OFFSET
ADJUST
AGC
AGC
FILTER
FILTER
ADC
Test
Test
Test
Test
XOR SPEED
SPEED B
SPEED A
DIRECTION
Current
Limit
Current
Limit
Switch
Switch
OUT A
OUT B
GND
SYNCHRONOUS
DIGITAL
CONTROLLER
ADC
MULTIPLEXED
SIGNALS
MULTIPLEXED
SIGNALS
Not to scale
Functional Block Diagram


Similar Part No. - ATS605LSG

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
ATS600A CTS-ATS600A Datasheet
182Kb / 6P
ATS ATS-SM Series
ATS600A CTS-ATS600A Datasheet
182Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS600A CTS-ATS600A Datasheet
181Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS600A CTS-ATS600A Datasheet
182Kb / 6P
Standard HC-49/US [thru-hole] and HC-49/US-SM surface mount Packages
ATS600A-E CTS-ATS600A-E Datasheet
182Kb / 6P
ATS ATS-SM Series
More results

Similar Description - ATS605LSG

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1693 ALLEGRO-A1693 Datasheet
815Kb / 15P
Vibration-Tolerant Hall-Effect Transmission Speed and Direction Sensor IC
A1699 ALLEGRO-A1699 Datasheet
1Mb / 18P
Two-Wire, Differential, Vibration-Resistant Sensor IC with Speed and Direction Output
A19350 ALLEGRO-A19350 Datasheet
1Mb / 14P
High Accuracy GMR Wheel Speed and Direction Sensor IC
A19520 ALLEGRO-A19520 Datasheet
883Kb / 15P
Vibration-Tolerant Hall-Effect Transmission Speed and Direction Sensor IC
ATS699LSN ALLEGRO-ATS699LSN Datasheet
861Kb / 15P
Two-Wire, Differential, Vibration-Resistant Sensor IC with Speed and Direction Output
A1696PUC ALLEGRO-A1696PUC Datasheet
1Mb / 17P
Position Sensor IC with Speed and Direction Output
A17501 ALLEGRO-A17501 Datasheet
1Mb / 22P
Dual Output Differential Speed and Direction Sensor IC
A19571 ALLEGRO-A19571 Datasheet
2Mb / 17P
GMR Transmission Speed and Direction Sensor IC
ATS696PSM ALLEGRO-ATS696PSM Datasheet
714Kb / 17P
Position Sensor IC with Speed and Direction Output
October 26, 2018
ATS17501 ALLEGRO-ATS17501 Datasheet
1Mb / 23P
Dual Output Differential Speed and Direction Sensor IC
March 19, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com