Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS616 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ATS616
Description  Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS616 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ATS616 Datasheet HTML 6Page - Allegro MicroSystems ATS616 Datasheet HTML 7Page - Allegro MicroSystems ATS616 Datasheet HTML 8Page - Allegro MicroSystems ATS616 Datasheet HTML 9Page - Allegro MicroSystems ATS616 Datasheet HTML 10Page - Allegro MicroSystems ATS616 Datasheet HTML 11Page - Allegro MicroSystems ATS616 Datasheet HTML 12Page - Allegro MicroSystems ATS616 Datasheet HTML 13Page - Allegro MicroSystems ATS616 Datasheet HTML 14Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Dynamic Self-Calibrating Peak-Detecting Differential
Hall Effect Gear Tooth Sensor IC
ATS616LSG
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
AGC circuit sets the gain of the device after power-on. Up to a
0.25 mm air gap change can occur after calibration is complete
without significant performance impact.
Superior Performance.
The ATS616 has several advantages
over conventional Hall-effect devices. The signal-processing
techniques used in the ATS616 solve the catastrophic issues that
affect the functionality of conventional digital gear-tooth sen-
sors, such as the following:
• Temperature drift. Changes in temperature do not greatly
affect this device due to the stable amplifier design and the
offset rejection circuitry.
• Timing accuracy variation due to air gap. The accuracy varia-
tion caused by air gap changes is minimized by the self-cali-
bration circuitry. A 2×-to-3× improvement can be seen.
• Dual edge detection. Because this device switches based on
the positive and negative peaks of the signal, dual edge detec-
tion is guaranteed.
• Tilted or off-center installation. Traditional differential sensor
ICs can switch incorrectly due to baseline changes versus air
gap caused by tilted or off-center installation. The peak detec-
tor circuitry references the switchpoint from the peak and is
immune to this failure mode. There may be a timing accuracy
shift caused by this condition.
• Large operating air gaps. Large operating air gaps are achiev-
able with this device due to the sensitive switchpoints after
power-on (dependent on target dimensions, material, and
speed).
• Immunity to magnetic overshoot. The patented adjustable
hysteresis circuit makes the ATS616 immune to switching on
magnetic overshoot within the specified air gap range.
• Response to surface defects in the target. The gain-adjust
circuitry reduces the effect of minor gear anomalies that would
normally cause false switching.
• Immunity to vibration and backlash. The gain-adjust circuitry
keeps the hysteresis of the device roughly proportional to the
peak-to-peak signal. This allows the device to have good im-
munity to vibration even when operating at close air gaps.
• Immunity to gear run out. The differential chip configuration
eliminates the baseline variations caused by gear run out.
Differential vs. Single-Element Design.
The differential chip
configuration is superior in most applications to the classical
single-element design. The single-element configuration com-
monly used (Hall-effect element mounted on the face of a simple
permanent magnet) requires the detection of a small signal (often
<100 G) that is superimposed on a large back-biased field, often
1500 G to 3500 G. For most gear/target configurations, the back-
biased field values change due to concentration effects, resulting
in a varying baseline with air gap, valley widths, eccentricities,
and vibration (figure 4). The differential configuration (figure 5)
cancels the effects of the back-biased field and avoids many of
the issues presented by the single Hall element design.
Peak Detecting vs. AC-Coupled Filters.
High-pass filtering
Figure 4. Affect of varying valley widths on single-element circuits.
Figure 4. Affect of varying air gaps on differential circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com