Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS627 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS627
Description  True Zero Speed, Low Jitter, High Accuracy Position Sensor IC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS627 Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS627 Datasheet HTML 1Page - Allegro MicroSystems ATS627 Datasheet HTML 2Page - Allegro MicroSystems ATS627 Datasheet HTML 3Page - Allegro MicroSystems ATS627 Datasheet HTML 4Page - Allegro MicroSystems ATS627 Datasheet HTML 5Page - Allegro MicroSystems ATS627 Datasheet HTML 6Page - Allegro MicroSystems ATS627 Datasheet HTML 7Page - Allegro MicroSystems ATS627 Datasheet HTML 8Page - Allegro MicroSystems ATS627 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
True Zero Speed, Low Jitter, High Accuracy
Position Sensor IC
ATS627LSG
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Relative Timing Accuracy, Sequential
Mechanical Falling Edges
ERRFF
0.5 mm ≤ AG ≤ 2.5 mm; constant target speed,
Running mode; relative to measurement taken
at AG = 1.5 mm
–
–
±0.4
deg.
Relative Timing Accuracy, Signature
Mechanical Rising Edge
ERRSIGR
0.5 mm ≤ AG ≤ 2.5 mm; constant target speed,
Running mode; relative to measurement taken
at AG = 1.5 mm
–
–
±0.4
deg.
Relative Timing Accuracy, Signature
Mechanical Falling Edge
ERRSIGF
0.5 mm ≤ AG ≤ 2.5 mm; constant target speed,
Running mode; relative to measurement taken
at AG = 1.5 mm
–
–
±1.5
deg.
Relative Repeatability, Sequential
Rising and Falling Edges6
TΘE
0.5 mm ≤ AG ≤ 2.5 mm
–
–
0.08
deg.
Output Propagation Delay
td(OUT)
See figure 1
–
20
–
μs
Initial Edge Accuracy7
Edge Accuracy – First and Second
Output Edges
See figure 2
–TTARGET
–TTARGET
deg.
Edge Accuracy – Third through Sixth
Output Edges
See figure 2
–0.5 x
TTARGET
–
+0.5 x
TTARGET
deg.
Full Edge Accuracy
Output edge count (see figure 2),
BSIG/BSEQ = 1, or no signature tooth encountered
––6
–
Output edge count (see figure 2), signature
region encountered during calibration, and
BSIG/BSEQ ≠ 1
–9
––
Input Magnetic Characteristics
Allowable Differential Sequential
Signal Variation8
BSEQ(min) /
BSEQ(max)
Total variation over 60 cycles (see figure 3)
0.5
–
–
–
BSEQ(n+1) /
BSEQ(n)
Single cycle-to-cycle variation (see figure 3)
0.6
–
–
–
Allowable Signature Amplitude Ratio
BSIG /
BSEQ
One instance per target revolution (see figure 3)
0.8
–
1.6
–
1Typical values are at TA = 25°C and VCC = 12 V.
2Maximum voltage must be adjusted for power dissipation and junction temperature; see Power Derating section.
3Negative current is defined as current coming out of (sourced from) the specified device terminal.
4Sustained voltages beyond the clamp voltage may cause permanent damage to the IC.
5 1 G (gauss) = 0.1 mT (millitesla).
6The repeatability specification is based on statistical evaluation of a sample population, evaluated at 1000 Hz.
7Power-on frequencies ≤ 200 Hz. Higher power-on frequencies may result in a delay of full output accuracy or undetected target edges.
8Excludes effects caused by signature region.
OPERATING CHARACTERISTICS (continued) Valid through full operating supply voltage and ambient temperature ranges, using
Reference Target 60+2; unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.1
Max.
Unit
Performance Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com