| Electronic Components Datasheet Search |
|
ATS682 Datasheet(PDF) 1 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS682 Datasheet(HTML) 1 Page - Allegro MicroSystems |
|
1 / 16 page ![]() Description The ATS682LSH is a Hall-effect integrated circuit and rare earth pellet combination that provides a user-friendly solution for true zero-speed digital gear-tooth sensing in two-wire applications. This small package, with an optimized two-wire leadframe, can be easily assembled and used in conjunction with a wide variety of gear shapes and sizes. The integrated circuit incorporates a dual-element Hall-effect circuit and signal processing that switches in response to differential magnetic signals created by ferrous gear teeth. The circuitry contains a sophisticated digital circuit that reduces magnet and system offsets, calibrates the gain for air gap independent switchpoints and provides true zero-speed operation. Signal optimization occurs at power-up through the adjustment of offset and gain and is and is maintained throughout operation with the use of a running-mode calibration scheme. Running- modecalibrationprovidesimmunityfromenvironmentaleffects such as micro-oscillations of the sensed target or sudden air gap changes. Theregulatedcurrentoutputisconfiguredfortwo-wireinterface circuitry and is ideally suited for obtaining speed information in wheelspeedapplications.TheHallelementspacingisoptimized for high resolution, small diameter targets. The package is lead (Pb) free, with 100% matte tin lead frame plating. ATS682-DS, Rev. 2 Features and Benefits ▪ True zero-speed operation ▪ Automatic Gain Control (AGC) for air gap independent switchpoints ▪ Automatic Offset Adjustment (AOA) for signal processing optimization ▪ Running-mode calibration for continuous optimization ▪ Precise duty cycle over operating temperature range ▪ Internal current regulator for two-wire operation ▪ Undervoltage lockout ▪ On-chip voltage regulator with wide operating voltage range and stability in the presence of a variety of complex load impedances ▪ Single chip IC for high reliability Miniature, Two-Wire, True Zero Speed Differential Peak-Detecting Sensor IC Functional Block Diagram ATS682LSH Package: 4-pin SIP (suffix SH) Not to scale VCC Automatic Offset Control AOA DAC Hall Amplifier AGC DAC Gain Tracking DAC Peak Hold Gain Control Internal Regulator Test Signals GND Test |
Similar Part No. - ATS682 |
|
Similar Description - ATS682 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |