Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMX321 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # LMX321
Description  Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LMX321 Datasheet(HTML) 1 Page - Maxim Integrated Products

  LMX321 Datasheet HTML 1Page - Maxim Integrated Products LMX321 Datasheet HTML 2Page - Maxim Integrated Products LMX321 Datasheet HTML 3Page - Maxim Integrated Products LMX321 Datasheet HTML 4Page - Maxim Integrated Products LMX321 Datasheet HTML 5Page - Maxim Integrated Products LMX321 Datasheet HTML 6Page - Maxim Integrated Products LMX321 Datasheet HTML 7Page - Maxim Integrated Products LMX321 Datasheet HTML 8Page - Maxim Integrated Products LMX321 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The LMX321/LMX358/LMX324 are single/dual/quad,
low-cost, low-voltage, pin-to-pin compatible upgrades
to the LMV321/LMV358/LMV324 family of general pur-
pose op amps. These devices offer Rail-to-Rail® out-
puts and an input common-mode range that extends
below ground. These op amps draw only 105µA of qui-
escent current per amplifier, operate from a single
+2.3V to +7V supply, and drive 2k
Ω resistive loads to
within 40mV of either rail. The LMX321/LMX358/LMX324
are unity-gain stable with a 1.3MHz gain-bandwidth
product capable of driving capacitive loads up to
400pF. The combination of low voltage, low cost, and
small package size makes these amplifiers ideal for
portable/battery-powered equipment.
The LMX321 single op amp is available in ultra-small 5-
pin SC70 and space-saving 5-pin SOT23 packages.
The LMX358 dual op amp is available in the tiny 8-pin
SOT23 package. The LMX324 quad op amp is avail-
able in 14-pin TSSOP and SO packages.
Applications
Cellular Phones
Laptops
Low-Power, Low-Voltage Applications
Portable/Battery-Powered Equipment
Cordless Phones
Active Filters
Features
o Upgrade to LMV321/LMV358/LMV324 Family
o Single +2.3V to +7V Supply Voltage Range
o Available in Space-Saving Packages
5-Pin SC70 (LMX321)
8-Pin SOT23 (LMX358)
14-Pin TSSOP (LMX324)
o 1.3MHz Gain-Bandwidth Product
o 105µA Quiescent Current per Amplifier
(VCC = +2.7V)
o No Phase Reversal for Overdriven Inputs
o No Crossover Distortion
o Rail-to-Rail Output Swing
o Input Common-Mode Voltage Range: VEE - 0.2V
to VCC - 0.8V
o Drives 2k
Ω Resistive Loads
Single/Dual/Quad, General-Purpose,
Low-Voltage, Rail-to-Rail Output Op Amps
________________________________________________________________ Maxim Integrated Products
1
6
SOT23-8/SO/
µMAX
TSSOP/SO
VEE
OUT1
IN1+
1
2
3
4
8
IN2-
5 IN2+
7 OUT2
IN1-
VCC
OUT1
IN1+
IN2+
OUT2
IN2-
1
2
3
4
5
6
7
14
13
12
11
10
9
8
IN4+
IN3+
IN3-
OUT3
IN4-
OUT4
IN1-
VCC
VEE
LMX324
LMX358
IN+
IN-
1
2
3
5
4 OUT
VEE
VCC
LMX321
SC70-5/SOT23-5
TOP VIEW
Pin Configurations
Ordering Information
19-2103; Rev 0; 8/01
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Selector Guide appears at end of data sheet.
PART
TEMP. RANGE
PIN-PACKAGE
LMX321AXK-T
-40
°C to +125°C
5 SC70-5
LMX321AUK-T
-40
°C to +125°C
5 SOT23-5
LMX358AKA-T
-40
°C to +125°C
8 SOT23-8
LMX358ASA
-40
°C to +125°C
8 SO
LMX358AUA
-40
°C to +125°C8 µMAX
LMX324ASD
-40
°C to +125°C
14 SO
LMX324AUD
-40
°C to +125°C
14 TSSOP
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.


Similar Part No. - LMX321

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LMX321 MAXIM-LMX321 Datasheet
509Kb / 15P
Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
Rev 1; 10/06
logo
STMicroelectronics
LMX321 STMICROELECTRONICS-LMX321 Datasheet
1Mb / 25P
No crossover distortion
May 2013 Rev 3
logo
Maxim Integrated Produc...
LMX321AUK-T MAXIM-LMX321AUK-T Datasheet
509Kb / 15P
Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
Rev 1; 10/06
LMX321AXK MAXIM-LMX321AXK Datasheet
91Kb / 5P
PLASTIC ENCAPSULATED DEVICES
Rev. A May 26, 2002
LMX321AXK-T MAXIM-LMX321AXK-T Datasheet
509Kb / 15P
Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
Rev 1; 10/06
More results

Similar Description - LMX321

ManufacturerPart #DatasheetDescription
logo
MOSA ELECTRONICS
MSV358 MOSA-MSV358 Datasheet
302Kb / 7P
Rail-to-Rail Output Low Voltage, Low Supply Current General Purpose Dual OP Amps
logo
Linear Technology
LTC6240 LINER-LTC6240 Datasheet
522Kb / 28P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Maxim Integrated Produc...
LMX321 MAXIM-LMX321_06 Datasheet
509Kb / 15P
Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
Rev 1; 10/06
logo
Texas Instruments
LMV321 TI1-LMV321 Datasheet
1Mb / 30P
Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LMV324MTX-NOPB TI1-LMV324MTX-NOPB Datasheet
2Mb / 44P
Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Linear Dimensions Semic...
LTC6240CS5-TRPBF LINEAR_DIMENSIONS-LTC6240CS5-TRPBF Datasheet
430Kb / 32P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Linear Technology
LTC6240 LINER-LTC6240_15 Datasheet
430Kb / 32P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6241 LINER-LTC6241_15 Datasheet
430Kb / 32P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
LTC6242 LINER-LTC6242_15 Datasheet
430Kb / 32P
Single/Dual/Quad 18MHz, Low Noise, Rail-to-Rail Output, CMOS Op Amps
logo
Analog Devices
ADA4610-1 AD-ADA4610-1_16 Datasheet
750Kb / 25P
Low Noise, Precision, Rail-to-Rail Output, JFET Single/Dual/Quad Op Amps
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com