Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV321DCKR Datasheet(PDF) 3 Page - Texas Instruments

Part # LPV321DCKR
Description  GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER,RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV321DCKR Datasheet(HTML) 3 Page - Texas Instruments

  LPV321DCKR Datasheet HTML 1Page - Texas Instruments LPV321DCKR Datasheet HTML 2Page - Texas Instruments LPV321DCKR Datasheet HTML 3Page - Texas Instruments LPV321DCKR Datasheet HTML 4Page - Texas Instruments LPV321DCKR Datasheet HTML 5Page - Texas Instruments LPV321DCKR Datasheet HTML 6Page - Texas Instruments LPV321DCKR Datasheet HTML 7Page - Texas Instruments LPV321DCKR Datasheet HTML 8Page - Texas Instruments LPV321DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LPV321 SINGLE, LPV358 DUAL, LPV324 QUAD
GENERALPURPOSE, LOW VOLTAGE, LOW POWER, RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS
SLOS433H − FEBRUARY 2004 − REVISED OCTOBER 2004
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
LPV324 simplified schematic
VBIAS4
−
+
−
+
IN+
IN−
VBIAS1
VBIAS2
VBIAS3
−
+
−
+
Output
VCC
VCC
VCC
VCC
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VCC+ − VCC− (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Differential input voltage, VID (see Note 2)
±VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (either input)
VCC− to VCC+ − 1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 3 and 4): 5-pin DBV package
206
°C/W
. . . . . . . . . . . . . . . . . . .
5-pin DCK package
252
°C/W
. . . . . . . . . . . . . . . . . . .
8-pin D package
97
°C/W
. . . . . . . . . . . . . . . . . . . . . . .
8-pin DDU package
TBD
°C/W
. . . . . . . . . . . . . . . . . .
8-pin DGK package
172
°C/W
. . . . . . . . . . . . . . . . . . .
14-pin D package
86
°C/W
. . . . . . . . . . . . . . . . . . . . . .
14-pin PW package
113
°C/W
. . . . . . . . . . . . . . . . . . .
Maximum junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values, except differential voltages and VCC specified for the measurement of IOS, are with respect to the network GND.
2. Differential voltages are at IN+ with respect to IN−.
3. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/θJA. Selecting the maximum of 150°C can affect reliability.
4. The package thermal impedance is calculated in accordance with JESD 51-7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com