Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYW73 Datasheet(PDF) 3 Page - Diode Semiconductor Korea

Part # BYW73
Description  FAST RECOVERY RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BYW73 Datasheet(HTML) 3 Page - Diode Semiconductor Korea

  BYW73 Datasheet HTML 1Page - Diode Semiconductor Korea BYW73 Datasheet HTML 2Page - Diode Semiconductor Korea BYW73 Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1
10
1000
100
10
0
10
1
Tamb=25
Tamb=45
Tamb=60
Tamb=70
Tamb=100
tP/T=0.5
tP/T=0.2
tP/T=0.1
tP/T=0.02
tP/T=0.01
VRRM=600V
RTHJA=70K/W
10
2
10
10
-4
-3
10
10
-2
-1
1
10
10
0
10
2
BYW72(Z)---BYW76(Z)
FIG.8 --THERMAL RESPONSE
PULSE LENGTH(S)
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com