Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA623AP Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA623AP
Description  OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA623AP Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA623AP Datasheet HTML 4Page - Texas Instruments OPA623AP Datasheet HTML 5Page - Texas Instruments OPA623AP Datasheet HTML 6Page - Texas Instruments OPA623AP Datasheet HTML 7Page - Texas Instruments OPA623AP Datasheet HTML 8Page - Texas Instruments OPA623AP Datasheet HTML 9Page - Texas Instruments OPA623AP Datasheet HTML 10Page - Texas Instruments OPA623AP Datasheet HTML 11Page - Texas Instruments OPA623AP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
®
OPA623
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
Frequency (Hz)
HARMONIC DISTORTION vs FREQUENCY
1M
10M
100M
3f
2f
TYPICAL PERFORMANCE CURVES (CONT)
At VCC = ±5VDC, RL = 100Ω, IQ = ±4mA, RIN = 150Ω, and TAMB = +25°C unless otherwise noted.
1M
10M
100M
1G
Frequency (Hz)
FREQUENCY RESPONSE vs C
LOAD
G
CL = +2V/V, VIN = 1.4Vp-p
10pF
22pF
47pF
100k
2pF
51
Ω
DUT
50
Ω
R
2
C
L
R
1
3
2
6
R
1
300
Ω
270
Ω
240
Ω
120
Ω
R
2
300
Ω
270
Ω
240
Ω
120
Ω
C
L
2pF
10pF
22pF
47pF
3
2
1
0
–1
–2
–3
–4
–5
1M
10M
100M
1G
Frequency (Hz)
GAIN FLATNESS
4
–6
100k
G
CL = +2V/V, VIN = 1.0Vp-p
–3dB
AVERAGE SUPPLY CURRENT vs FREQUENCY
10k
100k
1M
10M
100M
1G
Frequency (Hz)
50
45
40
35
30
25
20
15
10
5
0
Sine Curve
R
L = 100Ω
G = +2V/V
C
L = 2pF
2.8Vp-p
1.4Vp-p
0.2Vp-p
5.0Vp-p
1M
10M
100M
3G
FREQUENCY RESPONSE vs R
LOAD
100k
G
CL = +2V/V, R1 = R2 = 300Ω, VIN = 1.0Vp-p
1G
50
Ω
100
Ω
200
Ω
500
Ω
Frequency (Hz)
SPECTRAL NOISE VOLTAGE DENSITY
100
10
1
Frequency (Hz)
100
1k
10k
100k
1M
10M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com