Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA634U Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA634U
Description  Wideband, Single-Supply OPERATIONAL AMPLIFIERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA634U Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA634U Datasheet HTML 9Page - Texas Instruments OPA634U Datasheet HTML 10Page - Texas Instruments OPA634U Datasheet HTML 11Page - Texas Instruments OPA634U Datasheet HTML 12Page - Texas Instruments OPA634U Datasheet HTML 13Page - Texas Instruments OPA634U Datasheet HTML 14Page - Texas Instruments OPA634U Datasheet HTML 15Page - Texas Instruments OPA634U Datasheet HTML 16Page - Texas Instruments OPA634U Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
OPA634, OPA635
13
SBOS097A
DESIGN-IN TOOLS
DEMONSTRATION BOARDS
Two PC boards are available to assist in the initial evaluation
of circuit performance using the OPA634 and OPA635 in
their three package styles. These are available free as an
unpopulated PC board delivered with descriptive documen-
tation. The summary information for these boards is shown
in Table I.
BANDWIDTH VERSUS GAIN: NON-INVERTING OPERATION
Voltage feedback op amps exhibit decreasing closed-loop
bandwidth as the signal gain is increased. In theory, this
relationship is described by the Gain Bandwidth Product
(GBP) shown in the specifications. Ideally, dividing GBP by
the non-inverting signal gain (also called the Noise Gain, or
NG) will predict the closed-loop bandwidth. In practice, this
only holds true when the phase margin approaches 90
°, as it
does in high gain configurations. At low gains (increased
feedback factors), most amplifiers will exhibit a more com-
plex response with lower phase margin. The OPA634 and
OPA635 are compensated to give a slightly peaked response
in a non-inverting gain of 2 (Figure 1). This results in a
typical gain of +2 bandwidth of 150MHz, far exceeding that
predicted by dividing the 140MHz GBP by 2. Increasing the
gain will cause the phase margin to approach 90
° and the
bandwidth to more closely approach the predicted value of
(GBP/NG). At a gain of +10, the 16MHz bandwidth shown
in the Typical Specifications is close to that predicted using
the simple formula and the typical GBP.
The OPA634 and OPA635 exhibit minimal bandwidth re-
duction going to +3V single supply operation as compared
with +5V supply. This is because the internal bias control
circuitry retains nearly constant quiescent current as the total
supply voltage between the supply pins is changed.
INVERTING AMPLIFIER OPERATION
Since the OPA634 and OPA635 are general-purpose, wideband
voltage- feedback op amps, all of the familiar op amp appli-
cation circuits are available to the designer. Figure 5 shows a
typical inverting configuration where the I/O impedances and
signal gain from Figure 1 are retained in an inverting circuit
configuration. Inverting operation is one of the more common
requirements and offers several performance benefits. The
inverting configuration shows improved slew rate and distor-
tion. It also allows the input to be biased at VS/2 without any
headroom issues. The output voltage can be independently
moved to be within the output voltage range with coupling
capacitors, or bias adjustment resistors.
BOARD
LITERATURE
PART
REQUEST
PRODUCT
PACKAGE
NUMBER
NUMBER
OPA63xU
SO-8
DEM-OPA68xU
MKT-351
OPA63xN
SOT23-5
DEM-OPA6xxN
MKT-348
"
SOT23-6
""
TABLE I. Demo Board Summary Information.
Contact the Texas Instruments Technical Applications Sup-
port Line at 1-972-644-5580 to request any of these boards.
OPERATING SUGGESTIONS
OPTIMIZING RESISTOR VALUES
Since the OPA634 and OPA635 are voltage feedback op
amps, a wide range of resistor values may be used for the
feedback and gain setting resistors. The primary limits on
these values are set by dynamic range (noise and distortion)
and parasitic capacitance considerations. For a non-inverting
unity gain follower application, the feedback connection
should be made with a 20
Ω resistor, not a direct short (see
Figure 4 with RG = ∞). This will isolate the inverting input
capacitance from the output pin and improve the frequency
response flatness. Usually, for G > 1 application, the feed-
back resistor value should be between 200
Ω and 1.5kΩ.
Below 200
Ω, the feedback network will present additional
output loading which can degrade the harmonic distortion
performance. Above 1.5k
Ω, the typical parasitic capacitance
(approximately 0.2pF) across the feedback resistor may
cause unintentional band-limiting in the amplifier response.
A good rule of thumb is to target the parallel combination of
RF and RG (Figure 1) to be less than approximately 400Ω.
The combined impedance RF || RG interacts with the invert-
ing input capacitance, placing an additional pole in the
feedback network and thus, a zero in the forward response.
Assuming a 3pF total parasitic on the inverting node, hold-
ing RF || RG <400Ω will keep this pole above 130MHz. By
itself, this constraint implies that the feedback resistor RF
can increase to several k
Ω at high gains. This is acceptable
as long as the pole formed by RF and any parasitic capaci-
tance appearing in parallel is kept out of the frequency range
of interest.
FIGURE 5. AC-Coupled, Gain of –2 Example Circuit.
OPA63x
50
Ω
R
F
750
Ω
R
G
374
Ω
2R
T
1.5k
Ω
R
M
57.6
Ω
Source
DIS
+5V
2R
T
1.5k
Ω
R
O
50
Ω
0.1
µF
6.8
µF
+
0.1
µF
0.1
µF
50
Ω Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com