Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA643NB Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA643NB
Description  Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA643NB Datasheet(HTML) 2 Page - Texas Instruments

  OPA643NB Datasheet HTML 1Page - Texas Instruments OPA643NB Datasheet HTML 2Page - Texas Instruments OPA643NB Datasheet HTML 3Page - Texas Instruments OPA643NB Datasheet HTML 4Page - Texas Instruments OPA643NB Datasheet HTML 5Page - Texas Instruments OPA643NB Datasheet HTML 6Page - Texas Instruments OPA643NB Datasheet HTML 7Page - Texas Instruments OPA643NB Datasheet HTML 8Page - Texas Instruments OPA643NB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
®
OPA643
2
SPECIFICATIONS
ELECTRICAL
At TA = +25°C, VS = ±5V, RL = 100Ω, RF = 402Ω, unless otherwise noted.
OPA643P, U, N
OPA643PB, UB, NB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
±2.5
±4
±0.5
±1.5
mV
Average Drift
53
µV/°C
Power Supply Rejection (PSR)
VS = ±4.5 to ±5.5V
65
90
70
T
dB
INPUT BIAS CURRENT
Input Bias Current
VCM = 0V
19
30
TT
µA
Over Specified Temperature
40
T
µA
Input Offset Current
VCM = 0V
0.1
2.0
TT
µA
Over Specified Temperature
3.0
T
µA
NOISE
Input Voltage Noise
Noise Density: f > 1MHz
2.3
T
nV/
√Hz
Integrated Voltage Noise, BW = 100Hz to 100MHz
23
T
µVrms
Input Bias Current Noise
Current Noise Density, f > 1MHz
2.5
T
pA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Input Range
±2.75
±3.0
TT
V
Over Specified Temperature
±2.5
T
V
Common-Mode Rejection (CMR)
VCM = ±0.5V
65
85
80
92
dB
INPUT IMPEDANCE
Differential
7 || 2.5
T
k
Ω || pF
Common-Mode
630 || 1.3
T
k
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain (AOL)VO = ±2V, RL = 100Ω
82
95
87
T
dB
Over Specified Temperature
VO = ±2V, RL = 100Ω
80
80
dB
FREQUENCY RESPONSE
Closed-Loop Bandwidth
Gain = +5V/V
200
T
MHz
Gain = +10V/V
85
T
MHz
Gain = +20V/V
40
T
MHz
Gain Bandwidth Product (GBP)
800
T
MHz
Slew Rate(1)
G = +5, 2V Step
1000
T
V/
µs
At Minimum Specified Temperature
G = +5, 2V Step
920
T
V/
µs
Settling Time: 0.01%
G = +5, 2V Step
21
T
ns
0.1%
G = +5, 2V Step
16.5
T
ns
1%
G = +5, 2V Step
7.5
ns
Spurious Free Dynamic Range (SFDR)
G = +5, f = 5MHz
90
95
dBc
VO = 2Vp-p, RL = 500Ω
Differential Gain Error at 3.58MHz
G = +5V/V, VO = 0V to 1.4V, RL = 150Ω
0.005
T
%
Differential Phase Error at 3.58MHz
G = +5V/V, VO = 0V to 1.4V, RL = 150Ω
0.015
T
degrees
OUTPUT
Voltage Output
No Load
±3.25
T
V
Over Specified Temperature
±3.0
T
V
Voltage Output, +25
°CR
L = 100Ω±2.75
T
V
Over Specified Temperature
±2.5
T
V
Current Output, +25
°C
±40
±60
±50
±65
mA
Over Specified Temperature
±35
±40
mA
Closed-Loop Output Resistance
0.1MHz, G = +5V/V
0.055
T
Ω
POWER SUPPLY
Specified Operating Voltage
±5
T
V
Operating Voltage Range
TMIN to TMAX
±4.5
±5.5
TT
V
Quiescent Current
±20
±25
±16
TT
mA
Over Specified Temperature
±26
T
mA
TEMPERATURE RANGE
Specification: P, U, N
Ambient
–40
+85
TT
°C
Thermal Resistance
θ
JA, Junction to Ambient
P, PB
8-Pin DIP
100
T
°C/W
U, UB
8-Pin SO-8
125
T
°C/W
N, NB
5-Pin SOT23-5
150
T
°C/W
T Specifications same as OPA643P, U, N.
NOTE: (1) Slew rate is rate of change from 10% to 90% of output voltage step.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com