Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA698 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA698
Description  Unity-Gain Stable, Wideband Voltage Limiting Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA698 Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA698 Datasheet HTML 14Page - Texas Instruments OPA698 Datasheet HTML 15Page - Texas Instruments OPA698 Datasheet HTML 16Page - Texas Instruments OPA698 Datasheet HTML 17Page - Texas Instruments OPA698 Datasheet HTML 18Page - Texas Instruments OPA698 Datasheet HTML 19Page - Texas Instruments OPA698 Datasheet HTML 20Page - Texas Instruments OPA698 Datasheet HTML 21Page - Texas Instruments OPA698 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
OPA698
18
SBOS258B
www.ti.com
If the negative excursion of the rectified signal is not desired,
it can easily be removed by replacing the OPA693 with the
OPA698 configured as a difference amplifier with VL con-
nected to ground and VH left floating.
SOFT-CLIPPING (Compression) CIRCUIT
Figure 13 shows a soft-clipping circuit. As soon as the input
voltage exceeds either VCH or VCL, the limiting voltages are
driven by the following equations:
VV
RV
R
V
RR
V
RV
R
V
RR
HH
CH
IN
L
CL
IN
==
×+
×
+
=
×+
×
+
21
12
43
34
As the amplifier is operating in the limiting mode, the output
voltage is compressed with a gain of R1+R2/R1 for the
positive excursion above VCH, and by a gain of R3+R4/R3 for
the negative excursion below VCL. Figure 14 shows a 5VPP
on the input being compressed above
±1V with a compres-
sion gain of one-third.
Time (10ns/div)
V
IN
V
OUT
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
FIGURE 12. 10MHz Sinewave Rectified.
(1)
(2)
High-Speed Full Wave rectifier #1
The circuit shown in Figure 9 uses only one amplifier, in an
inverting gain of –1 configuration. The upper limiting voltage
is left open, resulting in an upper limiting voltage of +3.5V.
The lower limiting voltage is connected to the input signal,
resulting in the following behavior. When the input voltage is
negative, the amplifier is not limiting, resulting in the inversion
of the input sinewave to the output. During the positive
excursion of the input signal, the output signal is being driven
by the limiting input pin. Since the output is driven from the
limiter input pin from positive inputs, the lower slew rate in the
input path restricts the application of this approach to lower
amplitude and/or frequencies. A 2MHz fully rectified sinewave
is shown in Figure 10.
V
H
V
L
V
O
402
Ω
402
Ω
500
Ω
200
Ω
50
Ω
Source
57.2
Ω
OPA698
Time (50ns/div)
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
FIGURE 9. High-Speed Full Wave Rectifier #1.
FIGURE 10. 2MHz Sinewave Rectified.
FIGURE 11. High-Speed Full Wave Rectifier #2.
In order to reach higher frequencies, a second method is
recommended.
High Speed Full Wave rectifier #2
The circuit shown in Figure 11 combines a half-wave rectifier
driving the OPA693 in an inverting configuration, while the
input signal drives the noninverting input of the fixed gain
amplifier OPA693, resulting in a full wave rectifier function.
Results are shown in Figure 12.
OPA698
200
Ω
V
H
V
L
75
Ω
300
Ω
200
Ω
OPA693
300
Ω
50
Ω
700MHz
Internal
Gain Set
50
Ω Load
75
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com