Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-1/2 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # T-1/2
Description  Edison base plug fuses ??dual-element
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

T-1/2 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  T-1/2 Datasheet HTML 1Page - Cooper Bussmann, Inc. T-1/2 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Edison base plug fuses – dual-element,
time-delay, 125 volts, up to 30 amps
Catalog symbol:
•
T - (amps)
•
BP/T - (amps)
Description:
Bussmann® series dual-element, time-delay
Edison style plug fuse.
Specifications:
Ratings
•
Volts — 125 Vac or less
•
Amps — 3/10 to 30 A
•
Interrupting rating — 10 kA RMS Sym
Agency Information
•
UL® Listed (up to 6-1/4 A), Std. 248-11, Guide
JFHR, File E56412, (7 to 30 A) Guide JEFV,
File E12112
•
CSA® Certified, Class 1423-01, File 53787
•
CE
Catalog numbers (amps)
T - 3/10
T - 2-1/4
T - 7
T - 4/10
T - 2-1/2
T - 8
T - 1/2
T - 2-8/10
T - 9
T - 6/10
T - 3
T - 10
T - 8/10
T - 3-2/10
T - 12
T - 1
T - 3-1/2
T - 14
T - 1-1/8
T - 4
T - 15
T - 1-1/4
T - 4-1/2
T - 20
T - 1-4/10
T - 5
T - 25
T - 1-6/10
T - 5-6/10
T - 30
T - 1-8/10
T - 6
—
T - 2
T - 6-1/4
—
Package quantity and weight
Amp
ratings
Quantity
Weight
Per
box
Per
card
Per
box
Per 5
cards
3/10 to 14 A
4
1
0.210
0.46
15 to 30 A
4
3
0.25
1.07
Features:
•
Heavy duty time-delay plug fuse
•
Use to protect critical motor circuits or
motors that cycle on/off frequently
•
An industrial/commerical grade product with
exclusive dualelement construction
•
Edison base size
•
These fuses thread into fuse receptacles and
box cover units
•
Industrial strength, featuring an exclusive
dual-element construction
•
This spring loaded design provides superior
short circuit and overload protection
•
More time-delay than the medium duty Type
TL fuses in order to better protect industrial
motors and critical residential circuits
Recommended fuse holders
Catalog
numbers
Type
box
Catalog
numbers
Type
box
SOU
2 1/4”
handy
SOY
4”
square
SRU
SRY
SSU
SSY
SOW
2 3/4”
handy
SSY-RL
SRW
STY
SSW
SCY
SOX
4”
octagon
SOY-B
SRX
SSN
Single
gang
Technical Data 1034
Effective May 2016
Supersedes December 1998
BUSSMANN
SERIES


Similar Part No. - T-1/2

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
T-1/2 EATON-T-1/2 Datasheet
129Kb / 2P
Edison base plug fuses ??dual-element, time-delay, 125 volts, up to 30 amps
More results

Similar Description - T-1/2

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TL-20 COOPER-TL-20 Datasheet
24Kb / 1P
Plug Fuses Time-Delay, Edison Base 125 Volts, 15??0 Amps
T-2-1-4 COOPER-T-2-1-4 Datasheet
26Kb / 1P
Dual-Element, Time-Delay, Edison Base 125 Volts, 1??0 Amps
W-12 COOPER-W-12 Datasheet
127Kb / 2P
Edison base plug fuses ??fast-acting, 125 volts, 1/2??2 amps
TL-15 COOPER-TL-15 Datasheet
147Kb / 2P
Edison base plug fuses ??time-delay, 125 volts, 15-30 amps
TC-15 COOPER-TC-15 Datasheet
163Kb / 2P
Edison base CSA plug fuses ??dual-element
S-1 COOPER-S-1 Datasheet
126Kb / 2P
Rejection base plug fuses ??dual-element
logo
Eaton All Rights Reserv...
S-1-4 EATON-S-1-4 Datasheet
126Kb / 2P
Rejection base plug fuses ??dual-element, time-delay 125 volt, up to 30 amps
T-3-10 EATON-T-3-10 Datasheet
129Kb / 2P
Edison base plug fuses ??dual-element, time-delay, 125 volts, up to 30 amps
TL-15 EATON-TL-15 Datasheet
147Kb / 2P
Edison base plug fuses ??time-delay, 125 volts, 15-30 amps
W-1-2 EATON-W-1-2 Datasheet
127Kb / 2P
Edison base plug fuses ??fast-acting, 125 volts, 1/2??2 amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com