Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV324IPWR Datasheet(PDF) 10 Page - Texas Instruments

Part # LPV324IPWR
Description  GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER,RAIL TO RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV324IPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button LPV324IPWR Datasheet HTML 6Page - Texas Instruments LPV324IPWR Datasheet HTML 7Page - Texas Instruments LPV324IPWR Datasheet HTML 8Page - Texas Instruments LPV324IPWR Datasheet HTML 9Page - Texas Instruments LPV324IPWR Datasheet HTML 10Page - Texas Instruments LPV324IPWR Datasheet HTML 11Page - Texas Instruments LPV324IPWR Datasheet HTML 12Page - Texas Instruments LPV324IPWR Datasheet HTML 13Page - Texas Instruments LPV324IPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LPV321 SINGLE, LPV358 DUAL, LPV324 QUAD
GENERALPURPOSE, LOW VOLTAGE, LOW POWER, RAILTORAIL OUTPUT
OPERATIONAL AMPLIFIERS
SLOS433H − FEBRUARY 2004 − REVISED OCTOBER 2004
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Figure 9
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
10
100
1K
10K
Frequency − Hz
INPUT CURRENT NOISE
vs
FREQUENCY
VCC+ = 2.7 V
VCC+ = 5 V
Figure 10
40
50
60
70
80
90
100
110
120
130
140
100
1K
10K
100K
Frequency − Hz
CROSSTALK REJECTION
vs
FREQUENCY
VCC+ = 5 V
RL = 100 k
AV = 1
VI = 3 VPP
Figure 11
Frequency − Hz
PSRR
vs
FREQUENCY
RL = 10 kΩ
−15
−5
5
15
25
35
45
55
65
75
85
100
1K
10K
100K
1M
VCC+ = 5 V,
+PSRR
VCC+ = −5 V,
−PSRR
VCC+ = 2.7 V,
+PSRR
VCC+ = −2.7 V,
−PSRR
Figure 12
FREQUENCY
vs
RL
−10
0
10
20
30
40
1
10
100
1K
10K
Frequency − kHz
−20
0
20
40
60
80
100
120
140
160
180
VCC+ = 2.7 V
RL = 10 kΩ
RL = 100 kΩ
Phase
Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com