Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC-60 Datasheet(PDF) 3 Page - Cooper Bussmann, Inc.

Part # SC-60
Description  SC Class G, 600Vac/480Vac, 1??-60A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SC-60 Datasheet(HTML) 3 Page - Cooper Bussmann, Inc.

  SC-60 Datasheet HTML 1Page - Cooper Bussmann, Inc. SC-60 Datasheet HTML 2Page - Cooper Bussmann, Inc. SC-60 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Technical Data 1024
Effective December 2015
SC Class G 600Vac/480Vac, 1⁄2-60A size-rejecting fuses
Recommended fuse blocks:
Fuse amps
1-Pole
2-Pole
3-Pole
1⁄2-15
BG30011_
BG30012_
BG30013_
20
BG30021_
BG30022_
BG30023_
25-30
BG30031_
BG30032_
BG30033_
35-60
G30060-1C_
G30060-2C_
G30060-2C_
For additional information on the BG and G Series of Class G
fuse blocks, see data sheet No. 1006.
Current-limitation curves:
B
60
30
20
15
A
10,000
1000
100
RMS symmetrical currents in amps
A - B = Asymmetrical Available peak (2.3 x Sym. RMS amps)
Eaton and Bussmann are valuable
trademarks of Eaton in the US and other
countries. You are not permitted to use the
Eaton trademarks without prior written
consent of Eaton.
CSA is a registered trademark of the
Canadian Standards Group.
NEC is a registered trademark of the
National Fire Protection Association, Inc.
UL is a registered trademark of the
Underwriters Laboratories, Inc.
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2015 Eaton
All Rights Reserved
Printed in USA
Publication No. 1024 – BU-SB13733
December 2015
For Eaton’s Bussmann series
product information,
call 1-855-287-7626 or visit:
Eaton.com/bussmannseries
Follow us on social media to get the
latest product and support information.
Fo



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com