Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC7313 Datasheet(PDF) 11 Page - Silan Microelectronics Joint-stock

Part # SC7313
Description  DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC7313 Datasheet(HTML) 11 Page - Silan Microelectronics Joint-stock

Back Button SC7313 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC7313 Datasheet HTML 13Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Silan
Semiconductors
SC7313
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.1
2002.02.26
11
5.Bass and treble
MSB
LSB
Function
0
1
1
0
C3
C2
C1
C0
Bass
0
1
1
1
C3
C2
C1
C0
Terble
0
000
-14
0
001
-12
0
010
-10
0
011
-8
0
100
-6
0
101
-4
0
110
-2
0
111
0
1
111
0
1
110
2
1
101
4
1
100
6
1
011
8
1
010
10
1
001
12
1
000
14
C3=Sign
For Example, bass at –10dB is obtained by the following 8bit string is: 01100010.
TEST AND TYPICAL APPLICATION CIRCUIT
SC7313
11
OUT LF
24
OUT RF
23
OUT LR
22
OUT LR
10
15
14
13
9
AM/FM
TUNER
CD
PLAYER
TAPE
28
27
26
DGND
SDA
SCL
MCU
17
16
12
19
18
4
OUT(L) IN(L)
LOUD
(L)
BOUT
(L)
BIN
(L)
TREBLE
(L)
2
3
1
VDD
AGND CREF
7
6
8
21
20
5
OUT(R) IN(R)
LOUD
(R)
BOUT
(R)
BIN
(R)
TREBLE
(R)
VDD
R1
R2
R3
L1
L2
L3
25
10
­F
10
­F
10
­F
10
­F
2.7nF
100
nF
100
nF
100
nF
2.2
­F
22
­F
2.2
­F
2.2
­F
2.2
­F
2.2
­F
2.2
­F
2.2
­F
2.2
­F
100
nF
2.7nF
100
nF
100
nF
5.6k
¡
5.6k
¡



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com