Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9540B Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCA9540B
Description  2-channel I2C multiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9540B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCA9540B Datasheet HTML 5Page - NXP Semiconductors PCA9540B Datasheet HTML 6Page - NXP Semiconductors PCA9540B Datasheet HTML 7Page - NXP Semiconductors PCA9540B Datasheet HTML 8Page - NXP Semiconductors PCA9540B Datasheet HTML 9Page - NXP Semiconductors PCA9540B Datasheet HTML 10Page - NXP Semiconductors PCA9540B Datasheet HTML 11Page - NXP Semiconductors PCA9540B Datasheet HTML 12Page - NXP Semiconductors PCA9540B Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Product data sheet
PCA9540B
2-channel I2C multiplexer
2004 Sep 29
9
DC CHARACTERISTICS
VDD = 3.6 to 5.5 V; VSS = 0 V; Tamb = –40 to +85 °C; unless otherwise specified. (See page 8 for VDD = 2.3 to 3.6 V)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply
VDD
Supply voltage
3.6
—
5.5
V
IDD
Supply current
Operating mode; VDD = 5.5 V;
no load; VI = VDD or VSS;
fSCL = 100 kHz
—
65
100
µA
Istb
Standby current
Standby mode; VDD = 5.5 V;
no load; VI = VDD or VSS
—
0.3
1
µA
VPOR1
Power-on reset voltage
no load; VI = VDD or VSS
—
1.6
2.1
V
Input SCL; input/output SDA
VIL
LOW-level input voltage
–0.5
—
0.3 VDD
V
VIH
HIGH-level input voltage
0.7 VDD
—
6
V
IO
LOW level output current
VOL = 0.4 V
3
—
—
mA
IOL
LOW-level output current
VOL = 0.6 V
6
—
—
µA
IIL
LOW-level input current
VI = VSS
–1
—
1
mA
IIH
HIGH-level input current
VI = VDD
–1
—
1
µA
Ci
Input capacitance
VI = VSS
—
6
8
pF
Pass Gate
RON
Switch resistance
VCC = 4.5 to 5.5 V, VO = 0.4 V, IO = 15 mA
4
9
24
Ω
V
Switch output voltage
Vswin = VDD = 5.0 V; Iswout = –100 µA
—
3.6
—
V
VPass
Switch output voltage
Vswin = VDD = 4.5 to 5.5 V; Iswout = –100 µA
2.6
—
4.5
V
IL
Leakage current
VI = VDD or VSS
–1
—
+1
µA
Cio
Input/output capacitance
VI = VSS
—
2.5
5
pF
NOTE:
1. VDD must be lowered to 0.2 V in order to reset part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com