Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51116MPWPREP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116MPWPREP
Description  COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51116MPWPREP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS51116MPWPREP Datasheet HTML 4Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 5Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 6Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 7Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 8Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 9Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 10Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 11Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VLDOIN
VTT
VTTGND
VTTSNS
GND
MODE
VTTREF
COMP
VDDQSNS
VDDQSET
VBST
DRVH
LL
DRVL
PGND
CS
V5IN
PGOOD
S5
S3
PWP PACKAGE
(TOP VIEW)
TPS51116-EP
SLUSB52A – OCTOBER 2012 – REVISED NOVEMBER 2012
www.ti.com
DEVICE INFORMATION
TERMINAL FUNCTIONS
TERMINAL
NO.
I/O
DESCRIPTION
NAME
PWP
Output of the transconductance amplifier for phase compensation. Connect to V5IN to disable gm
COMP
8
I/O
amplifier and use D-CAP™ mode.
Current sense comparator input (-) for resistor current sense scheme. Or overcurrent trip voltage
CS
15
I/O
setting input for RDS(on) current sense scheme if connected to V5IN through the voltage setting
resistor.
DRVH
19
O
Switching (top) MOSFET gate drive output.
DRVL
17
O
Rectifying (bottom) MOSFET gate drive output.
GND
5
-
Signal ground. Connect to minus terminal of the VTT LDO output capacitor.
Switching (top) MOSFET gate driver return. Current sense comparator input (-) for RDS(on) current
LL
18
I/O
sense.
MODE
6
I
Discharge mode setting pin. See VDDQ and VTT Discharge Control section.
Ground for rectifying (bottom) MOSFET gate driver. Also current sense comparator input(+) and
PGND
16
ground for powergood circuit.
Powergood signal open drain output, In HIGH state when VDDQ output voltage is within the target
PGOOD
13
O
range.
S3
11
I
S3 signal input.
S5
12
I
S5 signal input.
V5IN
14
I
5-V power supply input for internal circuits and MOSFET gate drivers.
VBST
20
I/O
Switching (top) MOSFET driver bootstrap voltage input.
VDDQSET
10
I
VDDQ output voltage setting pin. See VDDQ Output Voltage Selection section.
VDDQ reference input for VTT and VTTREF. Power supply for the VTTREF. Discharge current
VDDQSNS
9
I/O
sinking terminal for VDDQ Non-tracking discharge. Output voltage feedback input for VDDQ output
if VDDQSET pin is connected to V5IN or GND.
VLDOIN
1
I
Power supply for the VTT LDO.
VTT
2
O
Power output for the VTT LDO.
VTTGND
3
Power ground output for the VTT LDO.
VTTREF
7
O
VTTREF buffered reference output.
VTTSNS
4
I
Voltage sense input for the VTT LDO. Connect to plus terminal of the VTT LDO output capacitor.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS51116-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com