Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR10150 Datasheet(PDF) 2 Page - Formosa MS

Part # MBR10150
Description  Schottky Barrier Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MBR10150 Datasheet(HTML) 2 Page - Formosa MS

  MBR10150 Datasheet HTML 1Page - Formosa MS MBR10150 Datasheet HTML 2Page - Formosa MS MBR10150 Datasheet HTML 3Page - Formosa MS MBR10150 Datasheet HTML 4Page - Formosa MS MBR10150 Datasheet HTML 5Page - Formosa MS MBR10150 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Mechanical data
Epoxy : UL94-V0 rated flame retardant
• Case : JEDEC TO-220AC molded plastic body over
passivated chip
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
• Polarity:
• Mounting Position : Any
• Weight : Approximated 2.05 gram
•
As marked
Package outline
Page 2
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Schottky Barrier Rectifier
Features
Low power loss, high efficiency.
High current capability
High surge capability.
Guardring for overvoltage protection.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Suffix "-H" indicates Halogen-free parts, ex. ΜΒR1040-H.
• 150°C operating junction temperature.
•
•
•
•
• Low stored charge majority carrier conduction
•
•
•
10A High Barrier Power Schottky
Rectifiers - 40V-200V
Dimensions in inches and (millimeters)
0.139(3.55)
MIN
0.038(0.96)
0.019(0.50)
TO-220AC
0.419(10.66)
0.387(9.85)
0.624(15.87)
0.548(13.93)
0.269(6.85)
0.226(5.75)
0.177(4.50)MAX
0.50(12.70)MIN
0.196(5.00)
0.163(4.16)
0.1(2.54)
0.054(1.39)
0.045(1.15)
.025(0.65)MAX
MBR1040 THRU MBR10200
Maximum ratings (AT T =25
A
oC unless otherwise noted)
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Peak forward surge current 8.3ms
single half sine-wave(JEDEC method)
Maximum DC blocking voltage
Maximum average forward rectified current
Operating junction temperature range
Storage temperature range
Maximum forward voltage at IF=10A
Maximum DC reverse current at TJ =25°C
at rated DC blocking voltage at TJ =125°C
Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
Thermal Characteristics
Typical thermal resistance
junction to case
PARAMETER
PARAMETER
PARAMETER
SYMBOLS
SYMBOLS
SYMBOLS
VDC
VRRM
IFSM
VRMS
TSTG
IO
TJ
VF
IR
R
θJC
MBR
1040
40
28
40
MBR
1040
MBR
1040
0.70
MBR
1045
45
31.5
45
MBR
1045
MBR
1045
MBR
1050
50
35
50
MBR
1050
MBR
1050
0.80
MBR
1060
60
42
60
MBR
1060
MBR
1060
-55 to +150
-65 to +175
150
0.1
15
2.0
10
MBR
1080
MBR
1080
MBR
1080
80
56
80
0.85
MBR
10100
100
70
100
MBR
10100
MBR
10100
MBR
10150
150
105
150
MBR
10150
MBR
10150
0.95
MBR
10200
200
140
MBR
10200
MBR
10200
200
UNIT
UNIT
UNIT
°C
°C
mA
mA
V
V
V
A
A
V
°C/W
Document ID
Issued Date
Revised Date
Revision
Page.
DS-222679
2008/02/10
2014/08/15
D
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com