Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL22-MS Datasheet(PDF) 1 Page - Formosa MS

Part # SL22-MS
Description  SMD Low VF Schottky Barrier Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SL22-MS Datasheet(HTML) 1 Page - Formosa MS

  SL22-MS Datasheet HTML 1Page - Formosa MS SL22-MS Datasheet HTML 2Page - Formosa MS SL22-MS Datasheet HTML 3Page - Formosa MS SL22-MS Datasheet HTML 4Page - Formosa MS SL22-MS Datasheet HTML 5Page - Formosa MS SL22-MS Datasheet HTML 6Page - Formosa MS SL22-MS Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1
Formosa MS
SL22-MS THRU SL24-MS
1
2
2
2
2
3
4
4
4
5
6
6
7
List
List.................................................................................................
Package outline...............................................................................
Features..........................................................................................
Maximum ratings .............................................................................
Rating and characteristic curves........................................................
Pinning information...........................................................................
Marking...........................................................................................
Suggested solder pad layout.............................................................
Packing information..........................................................................
Reel packing....................................................................................
Suggested thermal profiles for soldering processes.............................
High reliability test capabilities...........................................................
Mechanical data...............................................................................
SMD
Rectifier
Low VF Schottky Barrier
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-12164G
2012/03/12
-
A
7


Similar Part No. - SL22-MS

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SL22-M FORMOSA-SL22-M Datasheet
70Kb / 2P
Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
WILLAS ELECTRONIC CORP
SL22-M WILLAS-SL22-M Datasheet
303Kb / 4P
2.0A LOW VF SCHOTTKY BARRIER RECTIFIERS-20V-40V SOD-123-L PACKAGE
logo
Formosa MS
SL22-MH FORMOSA-SL22-MH Datasheet
78Kb / 2P
Low VF Chip Schottky Barrier Diodes - Silicon epitaxial planer type
SL22-MH1 FORMOSA-SL22-MH1 Datasheet
61Kb / 7P
Chip Low VF Schottky Barrier Rectifier
SL22-MHT FORMOSA-SL22-MHT Datasheet
57Kb / 7P
Chip Low VF Schottky Barrier Rectifier
More results

Similar Description - SL22-MS

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBM120L COMCHIP-CDBM120L Datasheet
64Kb / 2P
Low VF SMD Schottky Barrier Rectifier
CDBL120L COMCHIP-CDBL120L Datasheet
70Kb / 2P
Low VF SMD Schottky Barrier Rectifier
CDBL120L-G COMCHIP-CDBL120L-G Datasheet
495Kb / 2P
Low VF SMD Schottky Barrier Rectifier
CDBM120L-G COMCHIP-CDBM120L-G Datasheet
598Kb / 2P
Low VF SMD Schottky Barrier Rectifier
logo
Jinan Jingheng (Group) ...
20SQ045L JINANJINGHENG-20SQ045L Datasheet
71Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
S545U JINANJINGHENG-S545U Datasheet
70Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SP5U100 JINANJINGHENG-SP5U100 Datasheet
60Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SP20U50L JINANJINGHENG-SP20U50L Datasheet
63Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR160L JINANJINGHENG-SR160L Datasheet
63Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SL12-MS FORMOSA-SL12-MS Datasheet
61Kb / 7P
SMD Low VF Schottky Barrier Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com