Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALF80 Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # ALF80
Description  LED Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

ALF80 Datasheet(HTML) 2 Page - Arch Electronics Corp.

  ALF80_16 Datasheet HTML 1Page - Arch Electronics Corp. ALF80_16 Datasheet HTML 2Page - Arch Electronics Corp. ALF80_16 Datasheet HTML 3Page - Arch Electronics Corp. ALF80_16 Datasheet HTML 4Page - Arch Electronics Corp. ALF80_16 Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
VER : A_5
update : 2015.09.04
LED Power
ALF80 SERIES
80 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
ALF80-24S
ALF80-36S
ALF80-48S
ALF80-54S
Dimension (L x W x H)
4.72 x 2.36 x 1.38 Inches
( 120.0 x 60.0 x 35.0 mm ) Tolerance
2mm
Weight
500 g ±15%
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
EN61347-1:2008、 EN61347-2-13:2006
EMI
(Conducted & Radiated Emission)
EN 55015、Class B
EMS (Noise Immunity)
EN 61547
EMC
Surge
2KV L-L, 4KV L-E
NOTE
1. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
2. It's recommended to add Varistor 14S561K at L / N input side in parallel.
This series has IP66 and IP67, when you place order, please be noted as ordering Part No.
Model No.
ALF80-24S
ALF80-36S
ALF80-48S
ALF80-54S
IP66
ALF80-24S-IP66
ALF80-36S-IP66
ALF80-48S-IP66
ALF80-54S-IP66
Ordering Part No
IP67
ALF80-24S-IP67
ALF80-36S-IP67
ALF80-48S-IP67
ALF80-54S-IP67
DERATING
BLOCK DIAGRAM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com