Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOC Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # AOC
Description  Switching Power Module for PCB Mountable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AOC Datasheet(HTML) 1 Page - Arch Electronics Corp.

  AOC_16 Datasheet HTML 1Page - Arch Electronics Corp. AOC_16 Datasheet HTML 2Page - Arch Electronics Corp. AOC_16 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VER : E_1
update : 2016.05.04
AC-DC Power Module
AOC SERIES
4 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508 FAX: +886-2-26981319
-1-
ELECTRICAL SPECIFICATIONS
All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Model No.
( Single Output )
AOC-3.3S
AOC-5S
AOC-8S
AOC-9S
AOC-12S
AOC-14S
AOC-15S
AOC-24S
Max Output Wattage (W)
3.96W
4W
4W
4W
4W
4W
4W
4W
Voltage
90-264 VAC or 120-370 VDC
Frequency (Hz)
47-440 Hz
Current (Full load)
110 mA max. (115 VAC) / 70 mA max. (230 VAC)
Inrush Current (<500us)
15 A max. (115 VAC) / 25 A max. (230 VAC)
Leakage Current
0.25 mA max.
Input
External Fuse (recommend)
3.15 A slow blow type
Voltage (V.DC.)
3.3V
5V
8V
9V
12V
14V
15V
24V
Voltage Accuracy
±2%
Current (mA) max
1200
800
500
444
333
286
267
167
Line Regulation (LL-HL) (typ.)
±0.2%
Load Regulation (0-100%) (typ.)
±1%
±0.5%
Minimum Load
0%
Maximum Capacitive Load (at 230VAC)
14000uF
8000uF
2700uF
2400uF
1000uF
750uF
700uF
220uF
Ripple & Noise (Vp-p) max
<250mV
<200mV
<150mV
<100mV
Efficiency
68%
72%
74%
75%
76%
76%
76%
77%
Output
Hold-up Time
15 ms min.
Over Power Protection
Hiccup technique, auto-recovery
Protection
Short Circuit Protection
Hiccup mode, indefinite (automatic recovery)
Isolation
Input-Output (V.AC)
3000V
Operating Temperature
-40°C…+70°C ( with derating )
Storage Temperature
-40°C…+85°C
Temperature Coefficient
±0.02%/°C
Humidity
95% RH
Environment
MTBF
>450,000 h @ 25°C (MIL-HDBK-217F)
Dimension (L x W x H)
1.46 x 1.08 x 0.69 Inches ( 37.0 x 27.5 x 17.5 mm ) Tolerance
0.5 mm
Case Material
Plastic resin (flammability to UL 94V-0)
Weight
26 g
Physical
Cooling Method
Free air convection
Safety
Agency Approvals
UL, cUL, CE, CB
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024
KEY FEATURES
Switching Power Module for PCB Mountable
Fully Encapsulated Plastic Case
Universal Input Range 90-264VAC, 47-440 Hz
Single and Dual Output
Low Ripple and Noise
Isolation Class II
Maximum No-Load Watts < 0.3W
CE, CB and UL Approval
3-Year Product Warranty


Similar Part No. - AOC_16

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AOC-12S ARCH-AOC-12S Datasheet
117Kb / 3P
AC-DC Power Module
AOC-12S5S ARCH-AOC-12S5S Datasheet
117Kb / 3P
AC-DC Power Module
AOC-14S ARCH-AOC-14S Datasheet
117Kb / 3P
AC-DC Power Module
AOC-15S ARCH-AOC-15S Datasheet
117Kb / 3P
AC-DC Power Module
More results

Similar Description - AOC_16

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQC125 ARCH-AQC125 Datasheet
202Kb / 4P
Switching Power Module for PCB Mountable
AZC ARCH-AZC Datasheet
203Kb / 2P
Switching Power Module for PCB Mountable
ABR300 ARCH-ABR300 Datasheet
253Kb / 3P
Switching Power Module for PCB Mountable
ANCA-E1 ARCH-ANCA-E1_16 Datasheet
254Kb / 3P
Switching Power Module for PCB Mountable
APCN ARCH-APCN_16 Datasheet
152Kb / 4P
Switching Power Module for PCB Mountable
AEC60_SERIES ARCH-AEC60_SERIES Datasheet
274Kb / 2P
Switching Power Module for PCB Mountable
AHC_SERIES ARCH-AHC_SERIES Datasheet
491Kb / 5P
Switching Power Module for PCB Mountable
ALC_SERIES ARCH-ALC_SERIES Datasheet
204Kb / 3P
Switching Power Module for PCB Mountable
ANCA-E1_SERIES ARCH-ANCA-E1_SERIES Datasheet
387Kb / 5P
Switching Power Module for PCB Mountable
AFC20N ARCH-AFC20N_17 Datasheet
229Kb / 2P
Switching Power Module for PCB Mountable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com