Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD6 Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # SSD6
Description  Standard fuse links size E1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SSD6 Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  SSD6 Datasheet HTML 1Page - Cooper Bussmann, Inc. SSD6 Datasheet HTML 2Page - Cooper Bussmann, Inc. SSD6 Datasheet HTML 3Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Technical Data 4105
Effective June 2015
Bussmann series
SSD BS88 Offset blade tags
EATON www.eaton.com
Catalogue symbol:
•
SSD(Amps)
Technical data:
•
Rated voltage: 240 V a.c.
•
Rated current: 2 to 32 A
•
Breaking capacity: 33 kA
•
Class of operation: gG
•
Size: E1
Standards/Approvals:
•
BS88
•
IEC 60269
•
Suitable for use in RoHS compliant applications
Fuse holders (ordered separately)
•
SC20H
Packaging:
•
MOQ 20
Table 1. Technical data
Part
number
Rated
voltage
Rated
Current
(Amps)
Energy integrals
I2t (A2S)
Watts
loss
Dimensions (mm)
Product
Class
Weight
Pre-
arcing
Total at
415 V
W
A
B
D
E
F
N
SSD2
240V a.c.
2
0.8
1
0.5
23
12
47
12.7
0.8
3.2
gG
10g
SSD4
240 V a.c.
4
5.5
8
1
23
12
47
12.7
0.8
3.2
gG
10g
SSD6
240 V a.c.
6
15
22
1.6
23
12
47
12.7
0.8
3.2
gG
10g
SSD10
240 V a.c.
10
28
42
1.2
23
12
47
12.7
0.8
3.2
gG
10g
SSD16
240 V a.c.
16
160
250
1.5
23
12
47
12.7
0.8
3.2
gG
10g
SSD20
240 V a.c.
20
290
450
1.7
23
12
47
12.7
0.8
3.2
gG
10g
SSD25
240 V a.c.
25
800
1300
1.8
23
12
47
12.7
0.8
3.2
gG
10g
SSD32
240 V a.c.
32
1600
2500
2.4
23
12
47
12.7
0.8
3.2
gG
10g
Outline drawing



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com