Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC7959W Datasheet(PDF) 8 Page - Vitesse Semiconductor Corporation

Part # VSC7959W
Description  3.125Gb/s CML Limiting Amplifier with LOS Detect
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7959W Datasheet(HTML) 8 Page - Vitesse Semiconductor Corporation

Back Button VSC7959W Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7959W Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7959W Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7959W Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7959W Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7959W Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7959W Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7959W Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7959W Datasheet HTML 10Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7959
3.125Gb/s CML Limiting Amplifier with LOS Detect
Page 8
G52358-0, Rev 2.0
02/09/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Output Level Control
The LEVEL pin adjusts the output levels to 20mA when grounded and to 16mA when left unconnected.
Figure 3: Supply Current Measurement
Applications Information
Wire Bonding
For best performance, gold ball-bonding techniques are recommended. To minimize inductance, keep wire
bond lengths short.
PCB Layout Guidelines
Use high frequency PCB layout techniques with solid ground planes to minimize crosstalk and EMI. Keep
high speed traces as short as possible for signal integrity. Short input and output traces will provide best perfor-
mance.
IMOD
VCC
ICC
VSC7959
IOUT
100
Ω
100
Ω
Supply Current (ICC and IEE)
A
100
Ω
100
Ω
VEE
A I
EE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com