Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USF1010C Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # USF1010C
Description  SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

USF1010C Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  USF1010C Datasheet HTML 1Page - Diode Semiconductor Korea USF1010C Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
3
2
PIN
10.2± 0.2
4.0± 0.3
2.6± 0.15
1.4± 0.1
0.6± 0.1
4.5± 0.2
3.1
+0.2
-0.1
2.6± 0.2
0.6± 0.1
FEATURES
Low cost
Diffusde junction
Low forward voltage drop
High current capability
MECHANICAL DATA
Case:JEDEC TO-220AB,molded plastic
Terminals: Solderable per
MIL- STD-202,Method 208
Polarity: As marked
Weight: 0.0071 ounce, 2.006 grams
Mounting position: Any
Ratings at 25
 ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard rectified current
@T
C=100
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 5.0A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
50
1.3
1.7
0.98
70
USF1010C---USF1060C
A
5.0
10
Easily cleaned with alcohol,Isopropanol
and similar solvents
IF(AV)
3. Thermal resistance f rom junction to ambient.
A
60
IR
IFSM
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
2. Measured at 1.0MH
Z and applied rev erse v oltage of 4.0V DC.
- 55 ----- + 150
- 55 ----- + 150
25
SUPER FAST RECTIFIERS
USF
USF
USF
USF
USF
USF
100
200
300
400
500
600
The plastic material carries U/L recognition 94V-0
VOLTAGE RANGE: 100 --- 600 V
CURRENT: 10 A
TO-220AB
3.0
250
500
A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
70
140
210
280
350
420
100
200
300
400
500
600
10
1010C
1020C
1030C
1040C
1050C
1060C
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - USF1010C

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
USF1010C LUGUANG-USF1010C Datasheet
177Kb / 2P
Super Fast Rectifiers
More results

Similar Description - USF1010C

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
SUPER FAST RECTIFIERS
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
SUPER FAST RECTIFIERS
SFF801 HY-SFF801 Datasheet
93Kb / 2P
SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com